Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMCX Datasheet(PDF) 2 Page - DDK Ltd.

Part # MMCX
Description  Micro-Miniature Coaxial Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

MMCX Datasheet(HTML) 2 Page - DDK Ltd.

  MMCX Datasheet HTML 1Page - DDK Ltd. MMCX Datasheet HTML 2Page - DDK Ltd. MMCX Datasheet HTML 3Page - DDK Ltd. MMCX Datasheet HTML 4Page - DDK Ltd. MMCX Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
MMCX Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
2
○Straight Plug Connectors
  P / N
Applicable Cable
MMCX-SP-178BU-CR1
RG-178B/U
○Straight Jack Connectors
変名:MMCX−SP−178BU−CR1
(15.1)
8
品名:MMCX−SP−188AU−CR1
7
(14.1)
  P / N
Applicable Cable
MMCX-SP-188AU-CR1
RG-188A/U
品名:MMCX−SJ−178BU−CR1
8
(14.7)
品名:MMCX−SJ−188AU−CR1
(13.7)
7
  P / N
Applicable Cable
MMCX-SJ-178BU-CR1
RG-178B/U
  P / N
Applicable Cable
MMCX-SJ-188AU-CR1
RG-188A/U


Similar Part No. - MMCX

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
logo
Samtec, Inc
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Harwin Plc
MMCX-3005 HARWIN-MMCX-3005 Datasheet
54Kb / 1P
   HPRIZONTAL PC TAIL JACK SOCKET MMCX COAX CONNECTOR
MMCX-3505 HARWIN-MMCX-3505 Datasheet
83Kb / 1P
   HPRIZONTAL PC TAIL JACK SOCKET MMCX COAX CONNECTOR
logo
Samtec, Inc
MMCX-EM SAMTEC-MMCX-EM Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
More results

Similar Description - MMCX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MMCX-SP-178BU-CR1 DDK-MMCX-SP-178BU-CR1 Datasheet
710Kb / 5P
   Micro-Miniature Coaxial Connectors
logo
List of Unclassifed Man...
R125414000 ETC2-R125414000 Datasheet
11Mb / 51P
   Sub-miniature coaxial connectors
logo
DDK Ltd.
Y90-LR-PC DDK-Y90-LR-PC Datasheet
210Kb / 4P
   Miniature, Low-profile Coaxial Connectors
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
   MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
   ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Times Microwave Systems...
TF-047 TIMES-TF-047 Datasheet
858Kb / 2P
   Micro-Coaxial Cable
Rev. 1: Feb. 2023
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com