Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X1008T2D-GQ70 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6X1008T2D-GQ70
Description  128Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X1008T2D-GQ70 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6X1008T2D-GQ70 Datasheet HTML 1Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 2Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 3Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 4Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 5Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 6Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 7Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 8Page - Samsung semiconductor K6X1008T2D-GQ70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CMOS SRAM
K6X1008T2D Family
Revision 1.0
September 2003
2
128Kx8 bit Super Low Power and Low Voltage full CMOS Static RAM
GENERAL DESCRIPTION
The K6X1008T2D families are fabricated by SAMSUNG
′s
advanced CMOS process technology. The families support
verious operating temperature ranges and have various pack-
age types for user flexibility of system design. The families
also support low data retention voltage for battery back-up
operation with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 128K x 8
• Power Supply Voltage: 2.7~3.6V
• Low Data Retention Voltage: 1.5V(Min)
• Three state outputs
• Package Type: 32-SOP-525, 32-TSOP1-0820F
32-SOP-525, 32-TSOP1-0820F
PRODUCT FAMILY
1. This parameter is measured in the voltage range of 3.0V~3.6V with 30pF test load.
2. This parameter is measured with 30pF test load.
Product Family Operating Temperature Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6X1008T2D-B
Commercial(0~70
°C)
2.7~3.6V
551)/702)/85ns
6
µA
20mA
32-SOP-525
32-TSOP1-0820F
32-SOP-525
32-TSOP1-0820F
K6X1008T2D-F
Industrial(-40~85
°C)
K6X1008T2D-Q
Automotive(-40~125
°C)
702)/85ns
10
µA
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
PIN DESCRIPTION
Name
Function
A0~A16
Address Inputs
WE
Write Enable Input
CS1,CS2
Chip Select Input
OE
Output Enable Input
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
NC
No Connection
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Memory array
I/O Circuit
Column select
Clk gen.
Row
select
I/O1
Data
cont
Data
cont
I/O8
CS1
WE
OE
CS2
Control
logic
A11
A9
A8
A13
WE
CS2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
Type1-Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE
A13
A8
A9
A11
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-SOP
32-TSOP
Row
Addresses
Column Addresses


Similar Part No. - K6X1008T2D-GQ70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-B SAMSUNG-K6X1008C2D-B Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB55 SAMSUNG-K6X1008C2D-BB55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB70 SAMSUNG-K6X1008C2D-BB70 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BF55 SAMSUNG-K6X1008C2D-BF55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X1008T2D-GQ70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Samsung semiconductor
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com