Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA734AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA734AID
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA734AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA734AID Datasheet HTML 5Page - Texas Instruments OPA734AID Datasheet HTML 6Page - Texas Instruments OPA734AID Datasheet HTML 7Page - Texas Instruments OPA734AID Datasheet HTML 8Page - Texas Instruments OPA734AID Datasheet HTML 9Page - Texas Instruments OPA734AID Datasheet HTML 10Page - Texas Instruments OPA734AID Datasheet HTML 11Page - Texas Instruments OPA734AID Datasheet HTML 12Page - Texas Instruments OPA734AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282A − DECEMBER 2003 − REVISED FEBRUARY 2004
www.ti.com
9
Low-gain (< 20) operation demands that the auto-zero
circuitry correct for common-mode rejection errors of the
main amplifier. Because these errors can be larger than
0.1% of a full-scale input step change, one calibration
cycle (100
µs) can be required to achieve full accuracy.
The term clock feedthrough describes the presence of the
clock frequency in the output spectrum. In auto-zeroed op
amps, clock feedthrough may result from the settling of the
internal sampling capacitor, or from the small amount of
charge injection that occurs during the sample-and-hold of
the op amp offset voltage. Feedthrough can be minimized
by keeping the source impedance relatively low (< 1k
Ω)
and matching the source impedance on both input
terminals. If the source resistance is high (> 1k
Ω)
feedthrough can generally be reduced with a capacitor of
1nF or greater in parallel with the source or feedback
resistors. See the circuit application examples.
LAYOUT GUIDELINES
Attention to good layout practices is always recom-
mended. Keep traces short. When possible, use a PCB
ground plane with surface-mount components placed as
close to the device pins as possible. Place a 0.1
µF
capacitor closely across the supply pins. These guidelines
should be applied throughout the analog circuit to improve
performance and provide benefits such as reducing the
electromagnetic-interference (EMI) susceptibility.
R
1
V
EX
V
OUT
V
REF
R
1
OPA734
R
R
RR
+10V
1nF
1nF
Figure 2. Single Op Amp Bridge Amplifier Circuit
1/2
OP A 2735
R
3
10k
R
3
10k
R
1
1k
1/2
OP A 2735
R
2
1k
C
4
1nF
C
4
1nF
R
G
10V
C
1
(1)
1nF
C
2
(1)
10nF
C
3
(1)
1nF
V
REF = 15V
2
4
6
REF102
NOTE: (1) Place close to input pins.
R
R
RR
G= 1 + 2
R
3
R
G
Figure 3. Differential Output Bridge Amplifier


Similar Part No. - OPA734AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA734AID BURR-BROWN-OPA734AID Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA734AIDBVR BURR-BROWN-OPA734AIDBVR Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA734AIDBVRG4 BURR-BROWN-OPA734AIDBVRG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA734AIDBVT BURR-BROWN-OPA734AIDBVT Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA734AIDBVTG4 BURR-BROWN-OPA734AIDBVTG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA734AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com