Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN921025 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921025
Description  30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921025 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button SCAN921025 Datasheet HTML 3Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 4Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 5Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 6Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 7Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 8Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 9Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 10Page - National Semiconductor (TI) SCAN921025 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Serializer Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
DIS
DIN (0-9) Setup to TCLK
R
L =27Ω,
C
L=10pF to GND
Figure 7
0ns
t
DIH
DIN (0-9) Hold from
TCLK
4.0
ns
t
HZD
DO ± HIGH to
TRI-STATE Delay
R
L =27Ω,
C
L=10pF to GND
Figure 8
(Note 5)
310
ns
t
LZD
DO ± LOW to
TRI-STATE Delay
310
ns
t
ZHD
DO ± TRI-STATE to
HIGH Delay
510
ns
t
ZLD
DO ± TRI-STATE to
LOW Delay
6.5
10
ns
t
SPW
SYNC Pulse Width
R
L =27Ω
Figure 10
5*t
TCP
ns
t
PLD
Serializer PLL Lock Time
510*t
TCP
513*t
TCP
ns
t
SD
Serializer Delay
R
L =27Ω, Figure 11
t
TCP+
1.0
t
TCP+
2.5
t
TCP+
3.5
ns
t
DJIT
Deterministic Jitter
R
L =
27
Ω,
C
L=10pF
to GND,
(Note 6)
80 MHz
-130
-40
+60
ps
t
RJIT
Random Jitter
610
ps
(RMS)
Deserializer Timing Requirements for REFCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
RFCP
REFCLK Period
12.5
T
33.3
ns
t
RFDC
REFCLK Duty Cycle
30
50
70
%
t
RFCP /tTCP
Ratio of REFCLK to TCLK
95
1
105
t
RFTT
REFCLK Transition Time
3
6
ns
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
RCP
Receiver out Clock
Period
t
RCP =tTCP
Figure 11
RCLK
12.5
33.3
ns
t
CLH
CMOS/TTL Low-to-High
Transition Time
CL=15pF
Figure 5
Rout(0-9),
LOCK,
RCLK
1.2
4
ns
t
CHL
CMOS/TTL High-to-Low
Transition Time
1.1
4
ns
t
DD
Deserializer Delay
Figure 12
All Temp./ All Freq.
1.75*t
RCP+1.25
1.75*t
RCP+5.0
1.75*t
RCP+8.5
ns
Room Temp./3.3V/30MHz
1.75*t
RCP+2.25
1.75*t
RCP+5.0
1.75*t
RCP+8.0
ns
Room Temp./3.3V/80MHz
1.75*t
RCP+2.25
1.75*t
RCP+5.0
1.75*t
RCP+8.0
ns
t
ROS
ROUT Data Valid before
Figure 13
RCLK
30MHz
0.4*t
RCP
0.5*t
RCP
ns
RCLK
RCLK
80MHz
0.35*t
RCP
0.5*t
RCP
ns
t
ROH
ROUT Data valid after
Figure 13
30MHz
−0.4*t
RCP
−0.5*t
RCP
ns
RCLK
80MHz
−0.35*t
RCP
−0.5*t
RCP
ns
t
RDC
RCLK Duty Cycle
45
50
55
%
www.national.com
7


Similar Part No. - SCAN921025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN921025 TI1-SCAN921025 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSM NSC-SCAN921025HSM Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025HSM TI1-SCAN921025HSM Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results

Similar Description - SCAN921025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H TI1-SCAN921025H_15 Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
   Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
logo
ams AG
AS1160 AMSCO-AS1160 Datasheet
902Kb / 29P
   20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com