Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4510RZVF Datasheet(PDF) 6 Page - Texas Instruments

Part # PCI4510RZVF
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510RZVF Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCI4510RZVF Datasheet HTML 2Page - Texas Instruments PCI4510RZVF Datasheet HTML 3Page - Texas Instruments PCI4510RZVF Datasheet HTML 4Page - Texas Instruments PCI4510RZVF Datasheet HTML 5Page - Texas Instruments PCI4510RZVF Datasheet HTML 6Page - Texas Instruments PCI4510RZVF Datasheet HTML 7Page - Texas Instruments PCI4510RZVF Datasheet HTML 8Page - Texas Instruments PCI4510RZVF Datasheet HTML 9Page - Texas Instruments PCI4510RZVF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 220 page
background image
vi
Section
Title
Page
5.14
ExCA Memory Windows 0−4 Start-Address High-Byte Registers
5−14
. . .
5.15
ExCA Memory Windows 0−4 End-Address Low-Byte Registers
5−15
. . . .
5.16
ExCA Memory Windows 0−4 End-Address High-Byte Registers
5−15
. . .
5.17
ExCA Memory Windows 0−4 Offset-Address Low-Byte Registers
5−16
. .
5.18
ExCA Memory Windows 0−4 Offset-Address High-Byte Registers
5−17
.
5.19
ExCA Card Detect and General Control Register
5−18
. . . . . . . . . . . . . . . .
5.20
ExCA Global Control Register
5−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.21
ExCA I/O Windows 0 and 1 Offset-Address Low-Byte Registers
5−20
. . .
5.22
ExCA I/O Windows 0 and 1 Offset-Address High-Byte Registers
5−20
. . .
5.23
ExCA Memory Windows 0−4 Page Registers
5−20
. . . . . . . . . . . . . . . . . . .
6
CardBus Socket Registers (Function 0)
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Socket Event Register
6−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Socket Mask Register
6−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Socket Present State Register
6−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.4
Socket Force Event Register
6−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.5
Socket Control Register
6−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.6
Socket Power Management Register
6−8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7
OHCI Controller Programming Model
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Vendor ID Register
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2
Device ID Register
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
Command Register
7−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.4
Status Register
7−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.5
Class Code and Revision ID Register
7−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
7.6
Latency Timer and Class Cache Line Size Register
7−5
. . . . . . . . . . . . . .
7.7
Header Type and BIST Register
7−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.8
OHCI Base Address Register
7−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.9
TI Extension Base Address Register
7−7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.10
CardBus CIS Base Address Register
7−7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7.11
CardBus CIS Pointer Register
7−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.12
Subsystem Identification Register
7−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.13
Power Management Capabilities Pointer Register
7−9
. . . . . . . . . . . . . . .
7.14
Interrupt Line Register
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.15
Interrupt Pin Register
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.16
MIN_GNT and MAX_LAT Register
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.17
OHCI Control Register
7−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.18
Capability ID and Next Item Pointer Registers
7−11
. . . . . . . . . . . . . . . . . . .
7.19
Power Management Capabilities Register
7−12
. . . . . . . . . . . . . . . . . . . . . .
7.20
Power Management Control and Status Register
7−13
. . . . . . . . . . . . . . . .
7.21
Power Management Extension Registers
7−13
. . . . . . . . . . . . . . . . . . . . . . .
7.22
PCI PHY Control Register
7−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.23
PCI Miscellaneous Configuration Register
7−15
. . . . . . . . . . . . . . . . . . . . . .
7.24
Link Enhancement Control Register
7−16
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.25
Subsystem Access Register
7−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI4510RZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4510RZVF TI1-PCI4510RZVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
More results

Similar Description - PCI4510RZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI7610 TI-PCI7610 Datasheet
1Mb / 240P
[Old version datasheet]   PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com