Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3704 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3704
Description  Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3704 Datasheet(HTML) 1 Page - Texas Instruments

  LM3704 Datasheet HTML 1Page - Texas Instruments LM3704 Datasheet HTML 2Page - Texas Instruments LM3704 Datasheet HTML 3Page - Texas Instruments LM3704 Datasheet HTML 4Page - Texas Instruments LM3704 Datasheet HTML 5Page - Texas Instruments LM3704 Datasheet HTML 6Page - Texas Instruments LM3704 Datasheet HTML 7Page - Texas Instruments LM3704 Datasheet HTML 8Page - Texas Instruments LM3704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VIN1
GND
GND
NMI
VCC
PFI
MR
VCC
PP
PFO
INT
LLO
VIN2
Reset
Reset
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3704
SNVS088F – MAY 2004 – REVISED APRIL 2016
LM3704 Voltage Supervisor With Power-Fail Input,
Low-Line Output and Manual Reset
1
1 Features
1
Available Threshold Voltage of 3.08 V and 2.32 V
No External Components Required
Manual-Reset Input
Available in Both Open-Drain and Push-Pull
Configuration
Reset Time-Out Delay of 200 ms
Separate Power-Fail Comparator
±0.5% Reset Threshold Accuracy at Room
Temperature
±2% Reset Threshold Accuracy Over
Temperature
28-µA VCC Supply Current
2 Applications
Embedded Controllers and Processors
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
3 Description
The LM3704 is a feature-rich, easy-to-use voltage
supervisor. It is offered in both push-pull and open-
drain configuration with a tight 2% accuracy over
temperature.
The LM3704 features include a manual reset, low-line
output, and power-fail input detection. The power-fail
input allows for a configurable second rail to be
monitored helping detect upstream failures. The low-
line output is used as a second interrupt line to
indicate a fall in VCC (1.02 × VRST).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3704
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LM3704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABP-308 NSC-LM3704XABP-308 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABP-643 NSC-LM3704XABP-643 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABPX-308 NSC-LM3704XABPX-308 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABPX-643 NSC-LM3704XABPX-643 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results

Similar Description - LM3704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com