Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3711 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3711
Description  LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3711 Datasheet(HTML) 5 Page - Texas Instruments

  LM3711 Datasheet HTML 1Page - Texas Instruments LM3711 Datasheet HTML 2Page - Texas Instruments LM3711 Datasheet HTML 3Page - Texas Instruments LM3711 Datasheet HTML 4Page - Texas Instruments LM3711 Datasheet HTML 5Page - Texas Instruments LM3711 Datasheet HTML 6Page - Texas Instruments LM3711 Datasheet HTML 7Page - Texas Instruments LM3711 Datasheet HTML 8Page - Texas Instruments LM3711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM3710, LM3711
www.ti.com
SNVS150E – NOVEMBER 2000 – REVISED MARCH 2013
LM3710/LM3711 Series Electrical Characteristics (continued)
Limits in the standard typeface are for TJ = 25°C and limits in boldface type apply over full operating range. Unless otherwise
specified: VCC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILKG
Output Leakage
VRESET = 5.5V
1.0
µA
Current
RESET (LM3710)
VOL
RESET
VCC > 1.0V, ISINK = 50µA
0.3
VCC > 1.2V, ISINK = 100µA
0.3
VCC > 2.25V, ISINK = 900µA
0.3
VCC > 2.7V, ISINK = 1.2mA
0.3
V
VCC > 4.5V, ISINK = 3.2mA
0.4
VOH
RESET
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
WDI
WDI
Watchdog Input
−1
+1
µA
Current
WDIT
Watchdog Input
0.2•VCC
1.225
0.8•VCC
V
Threshold
tWD
Watchdog Timeout
Watchdog Timeout Period = E, F, G, H
4.3
6.2
9.3
Period
Watchdog Timeout Period = J, K, L, M
71
102
153
ms
Watchdog Timeout Period = N, P, Q, R
1120
1600
2400
Watchdog Timeout Period = S, T, U, V
17900
25600
38400
PFI/MR
VPFT
PFI Input Threshold
1.200
1.225
1.250
V
VMRT
MR Input Threshold
MR, Low
0.8
V
MR, High
2.0
VPFTH/
PFI/MR Threshold
PFI/MR falling: VCC = VRST MAX to 5.5V
0.0032•VRST
mV
VMRTH
Hysteresis
IPFI
Input Current
−75
75
nA
(PFI only)
RMR
MR Pull-up
35
56
75
k
Resistance
tMD
MR to Reset Delay
12
µS
tMR
MR Pulse Width
25
µS
PFO, LLO
VOL
PFO, LLO Output
VCC > 2.25V, ISINK = 900µA
0.3
Voltage
VCC > 2.7V, ISINK = 1.2mA
0.3
VCC > 4.5V, ISINK = 3.2mA
0.4
V
VOH
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
LLO OUTPUT
VLLOT
LLO Output
1.01•VRST
1.02•VRST
1.03•VRST
V
Threshold
(VLLO − VRST, VCC
falling)
VLLOTH
Low-Line Comparator
0.0032•VRST
mV
Hysteresis
tCD
Low-Line Comparator
VCC falling at 1mV/µs
20
µs
Delay
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3710 LM3711


Similar Part No. - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3711 NSC-LM3711 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBP-308 NSC-LM3711XQBP-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBPX-308 NSC-LM3711XQBPX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMM-308 NSC-LM3711XQMM-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMMX-308 NSC-LM3711XQMMX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
More results

Similar Description - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com