Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3711 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3711
Description  LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3711 Datasheet HTML 2Page - Texas Instruments LM3711 Datasheet HTML 3Page - Texas Instruments LM3711 Datasheet HTML 4Page - Texas Instruments LM3711 Datasheet HTML 5Page - Texas Instruments LM3711 Datasheet HTML 6Page - Texas Instruments LM3711 Datasheet HTML 7Page - Texas Instruments LM3711 Datasheet HTML 8Page - Texas Instruments LM3711 Datasheet HTML 9Page - Texas Instruments LM3711 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
0
10
20
30
40
50
60
70
80
10
1000
Reset Comparator Overdrive (mV)
VRST - VCC
100
190
195
200
205
210
215
-40
Temperature (°C)
25
85
Supply Voltage (V)
180
185
190
195
200
205
210
215
220
3.0
3.5
4
4.5
5
5.5
6
Temperature (°C)
0.5
0.3
0.1
-0.5
-40
25
85
-0.3
-0.1
0
-0.4
-0.2
0.2
0.4
15
20
25
5
10
30
0
Supply Voltage (V)
1
2
3
4
5
-40
0
25
70
85
Temperature (°C)
23
24
25
26
27
28
29
30
LM3710, LM3711
SNVS150E – NOVEMBER 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Supply Current vs Supply Voltage
3.3V Supply Current vs Temperature
Figure 3.
Figure 4.
Normalized Reset Threshold Voltage vs Temperature
Reset Timeout Period vs VCC
Figure 5.
Figure 6.
Max. Transient Duration vs Reset Comparator Overdrive
Reset Timeout Period vs Temperature
(VCC = 3.3V)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3710 LM3711


Similar Part No. - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3711 NSC-LM3711 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBP-308 NSC-LM3711XQBP-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBPX-308 NSC-LM3711XQBPX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMM-308 NSC-LM3711XQMM-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMMX-308 NSC-LM3711XQMMX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
More results

Similar Description - LM3711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com