Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3080E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3080E
Description  ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3080E Datasheet(HTML) 2 Page - Exar Corporation

  SP3080E Datasheet HTML 1Page - Exar Corporation SP3080E Datasheet HTML 2Page - Exar Corporation SP3080E Datasheet HTML 3Page - Exar Corporation SP3080E Datasheet HTML 4Page - Exar Corporation SP3080E Datasheet HTML 5Page - Exar Corporation SP3080E Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APPLICATION NOTE
2
AN207
This has been a common problem with many standard failsafe receiver devices. The termination resistor
causes a potential difference of 0V because the internal biasing circuit is not strong enough to overcome the
termination load. The receiver sensitivity, as per RS-485 specifications, is +/-200mV (see Figure 3).
FIGURE 3. RECEIVER SENSITIVITY
A potential difference of 0V is within the indeterminate range of sensitivity. This may result in an unknown state.
Under this condition, many may find the receiver output state on some devices to be good while others bad. In
fact, some devices with enough noise present may produce an oscillating clock pulse at output. One solution to
this terminated failsafe problem is to include an external biasing network that will provide a >+200mV potential
difference across the termination resistor at receiver input. This external biasing network is a simple pull-up
resistor from "A" input to Vcc and a pull-down resistor from "B" input to GND (See figure 4). The values of the
pull-up/down resistors are selected to provide at least 200mV across "A" and "B" inputs.
FIGURE 4. TERMINATED RECEIVER INPUT WITH BIASING NETWORK
3.0 ENHANCED RECEIVER FAILSAFE
Exar has developed several new families of RS-485/RS-422 transceivers, SP1486, SP3080-3088, SP3495-
3497, XR3170-3178 and XR5486-5488 with an enhanced receiver failsafe feature. This enhanced receiver
failsafe provides failsafe for three different conditions: open input, shorted input and un-driven terminated lines.


Similar Part No. - SP3080E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
SP3080E SIPEX-SP3080E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080EEN SIPEX-SP3080EEN Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3080E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
   Advantages of Solid-State Relays
logo
Fairchild Semiconductor
AN-5046 FAIRCHILD-AN-5046 Datasheet
79Kb / 4P
   LVDS Receiver Failsafe Biasing Networks
logo
Altera Corporation
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
5CSXFC6D ALTERA-5CSXFC6D Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
logo
Altera Corporation
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
   Key Advantages of Arria V Devices
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Xilinx, Inc
XC2VP30-6FF896I XILINX-XC2VP30-6FF896I Datasheet
2Mb / 432P
   Summary of Features
DS083 XILINX-DS083 Datasheet
3Mb / 430P
   Summary of Features
XC2V1500-4FFG896C XILINX-XC2V1500-4FFG896C Datasheet
2Mb / 318P
   Summary of Features
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com