Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050-N Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4050-N
Description  Precision Micropower Shunt Voltage Reference
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050-N Datasheet(HTML) 1 Page - Texas Instruments

  LM4050-N_16 Datasheet HTML 1Page - Texas Instruments LM4050-N_16 Datasheet HTML 2Page - Texas Instruments LM4050-N_16 Datasheet HTML 3Page - Texas Instruments LM4050-N_16 Datasheet HTML 4Page - Texas Instruments LM4050-N_16 Datasheet HTML 5Page - Texas Instruments LM4050-N_16 Datasheet HTML 6Page - Texas Instruments LM4050-N_16 Datasheet HTML 7Page - Texas Instruments LM4050-N_16 Datasheet HTML 8Page - Texas Instruments LM4050-N_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Cathode
Anode
Rs
Cout
Vout
IQ+IL
IL
IQ
Vs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM4050-N, LM4050-N-Q1
SNOS455G – MAY 2000 – REVISED SEPTEMBER 2015
LM4050-N/-Q1 Precision Micropower Shunt Voltage Reference
1 Features
3 Description
Ideal for space-critical applications, the LM4050-N
1
Small Package: SOT-23
precision voltage reference is available in the sub-
No Output Capacitor Required
miniature (3 mm × 1.3 mm) SOT-23 surface-mount
Tolerates Capacitive Loads
package. The LM4050-N design eliminates the need
for an external stabilizing capacitor while ensuring
Fixed Reverse Breakdown Voltages of 2.048 V,
stability with any capacitive load, thus making the
2.5 V, 4.096 V, 5 V, 8.192 V, and 10 V
LM4050-N easy to use. Further reducing design effort
Key Specifications (LM4050-N)
is the availability of several fixed reverse breakdown
Output Voltage Tolerance (A Grade, 25°C)
voltages: 2.048 V, 2.5 V, 4.096 V, 5 V, 8.192 V, and
±0.1% (Maximum)
10 V. The minimum operating current increases from
60
μA for the LM4050-N-2.0 to 100 μA for the
Low Output Noise (10 Hz to 10 kHz) 41
μVrms
LM4050-N-10.0.
All
versions
have
a
maximum
(Typical)
operating current of 15 mA.
Wide Operating Current Range 60
μA to 15
The LM4050-N utilizes fuse and Zener-zap reverse
mA
breakdown voltage trim during wafer sort to ensure
Industrial Temperature Range
−40°C to 85°C
that the prime parts have an accuracy of better than
Extended Temperature Range
−40°C to 125°C
±0.1%
(A
grade)
at
25°C.
Bandgap
reference
temperature
drift
curvature
correction
and
low
Low Temperature Coefficient 50 ppm/°C (max)
dynamic
impedance
ensure
stable
reverse
LM4050-N-Q1 is AEC-Q100 Grade 1 Qualified
breakdown voltage accuracy over a wide range of
and are Manufactured on an Automotive
operating temperatures and currents.
Grade Flow
All grades and voltage options of the LM4050-N are
available in both an industrial temperature range
2 Applications
(
−40°C and 85°C) and an extended temperature
Portable, Battery-Powered Equipment
range (
−40°C and 125°C).
Data Acquisition Systems
Device Information(1)
Instrumentation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Process Control
LM4050-N
Energy Management
SOT-23 (3)
2.92 mm × 1.30 mm
LM4050-N-Q1
Product Testing
(1) For all available packages, see the orderable addendum at
Automotive
the end of the data sheet.
Precision Audio Components
Shunt Regulator Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM4050-N_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050-N TI1-LM4050-N_15 Datasheet
1Mb / 42P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050-N_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com