Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4250CMDA Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4250CMDA
Description  LM4250 Programmable Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4250CMDA Datasheet(HTML) 2 Page - Texas Instruments

  LM4250CMDA Datasheet HTML 1Page - Texas Instruments LM4250CMDA Datasheet HTML 2Page - Texas Instruments LM4250CMDA Datasheet HTML 3Page - Texas Instruments LM4250CMDA Datasheet HTML 4Page - Texas Instruments LM4250CMDA Datasheet HTML 5Page - Texas Instruments LM4250CMDA Datasheet HTML 6Page - Texas Instruments LM4250CMDA Datasheet HTML 7Page - Texas Instruments LM4250CMDA Datasheet HTML 8Page - Texas Instruments LM4250CMDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM4250
Programmable Operational Amplifier
General Description
The LM4250 and LM4250C are extremely versatile program-
mable monolithic operational amplifiers. A single external
master bias current setting resistor programs the input bias
current, input offset current, quiescent power consumption,
slew rate, input noise, and the gain-bandwidth product. The
device is a truly general purpose operational amplifier.
The LM4250C is identical to the LM4250 except that the
LM4250C has its performance guaranteed over a 0˚C to
+70˚C temperature range instead of the −55˚C to +125˚C
temperature range of the LM4250.
Features
n ±
1V to ±18V power supply operation
n
3 nA input offset current
n
Standby power consumption as low as 500 nW
n
No frequency compensation required
n
Programmable electrical characteristics
n
Offset voltage nulling capability
n
Can be powered by two flashlight batteries
n
Short circuit protection
Connection Diagrams
Metal Can Package
DS009300-2
Top View
Dual-In-Line Package
DS009300-5
Top View
X5 Difference Amplifier
DS009300-3
Quiescent PD = 0.6 mW
500 Nano-Watt X10 Amplifier
DS009300-4
Quiescent PD = 500 nW
August 2000
© 2000 National Semiconductor Corporation
DS009300
www.national.com


Similar Part No. - LM4250CMDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4250CM NSC-LM4250CM Datasheet
496Kb / 12P
   Programmable Operational Amplifier
LM4250CMX NSC-LM4250CMX Datasheet
496Kb / 12P
   Programmable Operational Amplifier
More results

Similar Description - LM4250CMDA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1776C ONSEMI-MC1776C Datasheet
186Kb / 12P
   PROGRAMMABLE OPERATIONAL AMPLIFIER
1996 REV 5
logo
National Semiconductor ...
LM4250 NSC-LM4250_14 Datasheet
538Kb / 14P
   Programmable Operational Amplifier
logo
NEC
UPC4250 NEC-UPC4250 Datasheet
387Kb / 10P
   PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM4250 NSC-LM4250 Datasheet
496Kb / 12P
   Programmable Operational Amplifier
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
   Micropower Programmable Operational Amplifier
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
   PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL1776 ETC-IL1776 Datasheet
18Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL1776 SLS-SL1776 Datasheet
19Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com