Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1055ST44 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1055ST44
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1055ST44 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1055ST44 Datasheet HTML 1Page - ON Semiconductor NCP1055ST44 Datasheet HTML 2Page - ON Semiconductor NCP1055ST44 Datasheet HTML 3Page - ON Semiconductor NCP1055ST44 Datasheet HTML 4Page - ON Semiconductor NCP1055ST44 Datasheet HTML 5Page - ON Semiconductor NCP1055ST44 Datasheet HTML 6Page - ON Semiconductor NCP1055ST44 Datasheet HTML 7Page - ON Semiconductor NCP1055ST44 Datasheet HTML 8Page - ON Semiconductor NCP1055ST44 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
4
Leading Edge On
Feedback Off
Delay On
Duty Cycle Off
Leading Edge On
Duty Cycle Off
Leading Edge On
Current Limit Off
Leading Edge On
Duty Cycle Off
No Second
Pulse
Primary Current
Power Switch
Circuit Gate Drive
0
mA
37.5
mA
47.5
mA
Oscillator Clock
Oscillator Duty
Cycle
7.5 V
8.5 V
VCC
Current Limit
Threshold
Current Limit
Propagation
Delay
ICONTROL, SINK
Figure 3. Timing Diagram for Gated Oscillator with Dual Edge PWM
fOSC (high)
fOSC (low)


Similar Part No. - NCP1055ST44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1055ST44T3 ONSEMI-NCP1055ST44T3 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1055ST44T3G ONSEMI-NCP1055ST44T3G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1055ST44T3G ONSEMI-NCP1055ST44T3G Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
More results

Similar Description - NCP1055ST44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com