Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4818 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4818
Description  350mW Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4818 Datasheet(HTML) 2 Page - Texas Instruments

  LM4818 Datasheet HTML 1Page - Texas Instruments LM4818 Datasheet HTML 2Page - Texas Instruments LM4818 Datasheet HTML 3Page - Texas Instruments LM4818 Datasheet HTML 4Page - Texas Instruments LM4818 Datasheet HTML 5Page - Texas Instruments LM4818 Datasheet HTML 6Page - Texas Instruments LM4818 Datasheet HTML 7Page - Texas Instruments LM4818 Datasheet HTML 8Page - Texas Instruments LM4818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM4818
SNAS163B – APRIL 2002 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 2. SOIC Package - Top View
See Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation (PD)
(4)
Internally Limited
ESD Susceptibility(5)
2.5kV
ESD Susceptibility(6)
200V
Junction Temperature (TJ)
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
Thermal Resistance
θJC (SOIC)
35°C/W
θJA (SOIC)
170°C/W
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. However, the typical value is a good indication
of device's performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA. For the LM4818, TJMAX = 150°C and the typical junction-to-
ambient thermal resistance (
θJA) when board mounted is 170°C/W for the SOIC package.
(5)
Human body model, 100pF discharged through a 1.5 k
Ω resistor.
(6)
Machine Model, 220pF–240pF capacitor is discharged through all pins.
OPERATING RATINGS
(1) (2)
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.0V
≤ VCC ≤ 5.5V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. However, the typical value is a good indication
of device's performance.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4818


Similar Part No. - LM4818

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
LM4818M NSC-LM4818M Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4818

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819 TI1-LM4819_14 Datasheet
1Mb / 28P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
[Old version datasheet]   350mW Audio Power Amplifier with Shutdown Mode
LM4819MX TI-LM4819MX Datasheet
1Mb / 27P
[Old version datasheet]   LM4819 350mW Audio Power Amplifier with Shutdown Mode
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com