Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4859 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4859
Description  Stereo 1.2W Audio Sub-system
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4859 Datasheet(HTML) 1 Page - Texas Instruments

  LM4859 Datasheet HTML 1Page - Texas Instruments LM4859 Datasheet HTML 2Page - Texas Instruments LM4859 Datasheet HTML 3Page - Texas Instruments LM4859 Datasheet HTML 4Page - Texas Instruments LM4859 Datasheet HTML 5Page - Texas Instruments LM4859 Datasheet HTML 6Page - Texas Instruments LM4859 Datasheet HTML 7Page - Texas Instruments LM4859 Datasheet HTML 8Page - Texas Instruments LM4859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM4859
www.ti.com
SNAS256E – MAY 2004 – REVISED MAY 2013
LM4859
Stereo 1.2W Audio Sub-system with 3D
Enhancement
Check for Samples: LM4859
1
FEATURES
KEY SPECIFICATIONS
2
Stereo Speaker Amplifier
POUT, Stereo Loudspeakers, 4Ω, 5V,
1% THD+N (LM4859SP), 1.6W (Typ)
Stereo Headphone Amplifier
POUT, Stereo Loudspeakers, 8Ω, 5V,
Independent Left, Right, and Mono Volume
1% THD+N, 1.2W (Typ)
Controls
POUT, Stereo Headphones, 32Ω, 5V,
Texas Instruments 3D Enhancement
1% THD+N, 75mW (typ)
I2C Compatible Interface
POUT, Stereo Loudspeakers, 8Ω, 3.3V,
Ultra Low Shutdown Current
1% THD+N, 495mW (typ)
Click and Pop Suppression Circuit
POUT, Stereo Headphones, 32Ω, 3.3V,
10 Distinct Output Modes
1% THD+N, 33mW (typ)
Thermal Shutdown Protection
Shutdown Current, 0.06
μA (typ)
Available in DSBGA and UQFN packages
DESCRIPTION
APPLICATIONS
The LM4859 is an integrated audio sub-system
designed
for
stereo
cell
phone
applications.
Cell Phones
Operating on a 3.3V supply, it combines a stereo
PDAs
speaker amplifier delivering 495mW per channel into
Portable Gaming Devices
an 8
Ω load and a stereo headphone amplifier
delivering 33mW per channel into a 32
Ω load. It
Internet Appliances
integrates the audio amplifiers, volume control, mixer,
Portable DVD/CD/AAC/MP3 Players
power management control, and Texas Instruments
3D enhancement all into a single package. In
addition, the LM4859 routes and mixes the stereo
and mono inputs into 10 distinct output modes. The
LM4859 is controlled through an I2C compatible
interface. Other features include an ultra-low current
shutdown mode and thermal shutdown protection.
Boomer
audio
power
amplifiers
are
designed
specifically to provide high quality output power with a
minimal amount of external components.
The LM4859 is available in a 30–bump TL package
and a 28–lead UQFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4859

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4859SP/NOPB TI1-LM4859SP/NOPB Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
National Semiconductor ...
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results

Similar Description - LM4859

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com