Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4879 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4879
Description  1.1 Watt Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879 Datasheet(HTML) 1 Page - Texas Instruments

  LM4879 Datasheet HTML 1Page - Texas Instruments LM4879 Datasheet HTML 2Page - Texas Instruments LM4879 Datasheet HTML 3Page - Texas Instruments LM4879 Datasheet HTML 4Page - Texas Instruments LM4879 Datasheet HTML 5Page - Texas Instruments LM4879 Datasheet HTML 6Page - Texas Instruments LM4879 Datasheet HTML 7Page - Texas Instruments LM4879 Datasheet HTML 8Page - Texas Instruments LM4879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM4879, LM4879MMBD, LM4879SDBD
www.ti.com
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
LM4879
1.1 Watt Audio Power Amplifier
Check for Samples: LM4879, LM4879MMBD, LM4879SDBD
1
FEATURES
DESCRIPTION
The LM4879 is an audio power amplifier primarily
23
No Output Coupling Capacitors, Snubber
designed
for
demanding
applications
in
mobile
Networks or Bootstrap Capacitors Required
phones and other portable communication device
Unity Gain Stable
applications. It is capable of delivering 1.1 watt of
Ultra Low Current Shutdown Mode
continuous average power to an 8
Ω BTL load with
less than 1% distortion (THD+N) from a 5VDC power
Fast Turn On: 80ms (typ), 110ms (max) with
supply.
1.0µF Capacitor
Boomer™ audio power amplifiers were designed
BTL Output Can Drive Capacitive Loads up to
specifically to provide high quality output power with a
100pF
minimal
amount
of
external
components.
The
Advanced Pop and Click Circuitry Eliminates
LM4879 does not require output coupling capacitors
Noises During Turn-On and Turn-Off
or bootstrap capacitors, and therefore is ideally suited
Transitions
for lower-power portable applications where minimal
space
and
power
consumption
are
primary
2.2V - 5.0V Operation
requirements.
Available in Space-Saving DSBGA, WSON, and
VSSOP Packages
The LM4879 features a low-power consumption
global shutdown mode, which is achieved by driving
the shutdown pin with logic low. Additionally, the
APPLICATIONS
LM4879
features
an
internal
thermal
shutdown
Mobile Phones
protection mechanism.
PDAs
The LM4879 contains advanced pop and click
Portable electronic devices
circuitry
which
eliminates
noises
which
would
otherwise
occur
during
turn-on
and
turn-off
KEY SPECIFICATIONS
transitions.
PSRR: 5V, 3V at 217Hz: 62dB (typ)
The
LM4879
is
unity-gain
stable
and
can
be
configured by external gain-setting resistors.
Power Output at 5V, 1%THD+N: 1.1W (typ)
Power Output at 3V, 1%THD+N: 350mW (typ)
Shutdown Current: 0.1µA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4879

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4879IBL NSC-LM4879IBL Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
LM4879IBLX NSC-LM4879IBLX Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
LM4879IBP NSC-LM4879IBP Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
More results

Similar Description - LM4879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4893 NSC-LM4893 Datasheet
705Kb / 22P
   1.1 Watt Audio Power Amplifier
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890 Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com