Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2735AIDGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2735AIDGKR
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2735AIDGKR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2735AIDGKR Datasheet HTML 1Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 2Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 3Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 4Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2735AIDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
D LOW OFFSET VOLTAGE: 5µV (max)
D ZERO DRIFT: 0.05µV/°C max
D QUIESCENT CURRENT: 750µA (max)
D SINGLE-SUPPLY OPERATION
D LOW BIAS CURRENT: 200pA (max)
D SHUTDOWN
D MicroSIZE PACKAGES
D WIDE SUPPLY RANGE: 2.7V to 12V
APPLICATIONS
D TRANSDUCER APPLICATIONS
D TEMPERATURE MEASUREMENTS
D ELECTRONIC SCALES
D MEDICAL INSTRUMENTATION
D BATTERY-POWERED INSTRUMENTS
D HANDHELD TEST EQUIPMENT
DESCRIPTION
The OPA734 and OPA735 series of CMOS operational
amplifiers use auto-zeroing techniques to simultaneously
provide low offset voltage (5
µV max) and near-zero drift
over time and temperature. These miniature, high-preci-
sion, low quiescent current amplifiers offer high input
impedance and rail-to-rail output swing within 50mV of the
rails. Either single or bipolar supplies can be used in the
range of +2.7V to +12V (
±1.35V to ±6V). They are
optimized for low-voltage, single-supply operation.
The OPA734 family includes a shutdown mode. Under
logic control, the amplifiers can be switched from normal
operation to a standby current that is 9
µA (max) and the
output placed in a high-impedance state.
The single version is available in the MicroSIZE SOT23-5
(SOT23-6 for shutdown version) and the SO-8 packages.
The dual version is available in the MSOP-8 and SO-8
packages (MSOP-10 only for the shutdown version). All
versions are specified for operation from −40
°C to +85°C.
1/2
OP A 2735
R
3
10k
R
3
10k
R
1
1k
1/2
OP A 2735
R
2
1k
C4
1nF
C
4
1nF
RG
10V
C
1
1nF
C2
10nF
C
3
1nF
V
REF = 15V
REF102
G= 1 + 2
R
3
R
G
OPA734, OPA2734
OPA735, OPA2735
SBOS282A − DECEMBER 2003 − REVISED FEBRUARY 2004
0.05
µV/°C max, SINGLE-SUPPLY CMOS
OPERATIONAL AMPLIFIERS
Zer-Drift Series
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2735AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2735AIDGKR BURR-BROWN-OPA2735AIDGKR Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2735AIDGKRG4 BURR-BROWN-OPA2735AIDGKRG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2735AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com