Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48413 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48413 Datasheet HTML 6Page - Texas Instruments LM48413 Datasheet HTML 7Page - Texas Instruments LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments LM48413 Datasheet HTML 10Page - Texas Instruments LM48413 Datasheet HTML 11Page - Texas Instruments LM48413 Datasheet HTML 12Page - Texas Instruments LM48413 Datasheet HTML 13Page - Texas Instruments LM48413 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM48413
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
PROPER SELECTION OF EXTERNAL COMPONENTS
Power Supply Bypassing/Filtering
Proper power supply bypassing is important for low noise performance and high PSRR. Place the 1
μF supply
bypass capacitor as close to the device as possible. Traditionally, a pair of bypass capacitors with typical value
0.1
μF and 10μF are applied to the supply rail for increasing stability. Nevertheless, these capacitors do not
eliminate the need for bypassing of the LM48413 supply pins.
Input Capacitor Selection
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48413. The input capacitors create a high-pass filter with the
input resistance RIN. The -3dB point of the high-pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN
(Hz)
(1)
The input capacitors can also be used to remove low frequency content from the audio signal. When the
LM48413 is using a single-ended source, power supply noise on the ground is seen as an input signal. Setting
the high-pass filter point above the power supply noise frequencies, 217Hz in a GSM phone, for example, filters
out the noise such that it is not amplified and heard on the output. Capacitors with a tolerance of 10% or better
are recommended for impedance matching and improved CMRR and PSRR.
Texas Instruments 3D Enhancement
The LM48413 features Texas Instruments' 3D enhancement effect that widens the perceived soundstage of a
stereo audio signal. The 3D enhancement increases the apparent stereo channel separation, improving audio
reproduction whenever the left and right speakers are too close to one another.
An external RC network shown in Figure 2 is required to enable the 3D effect. Because the LM48413 is a fully
differential amplifier, there are two separate RC networks, one for each stereo input pair (INL+ and INR+, and
INL- and INR-). Set 3DEN high to enable the 3D effect. Set 3DEN low to disable the 3D effect.
The 3D RC network acts as a high-pass filter. The amount of the 3D effect is set by the R3D resistor. Decreasing
the value of R3D increases the 3D effect. The C3D capacitor sets the frequency at which the 3D effect occurs.
Increasing the value of C3D decreases the low frequency cutoff point, extending the 3D effect over a wider
bandwidth. The low frequency cutoff point is given by Equation 2:
f3D(–3dB) = 1 / 2π(R3D)(C3D)
(Hz)
(2)
Enabling the 3D effect increase the gain by a factor of (1+40k
Ω/R3D). Setting R3D to 40kΩ results in a gain
increase of 6dB whenever the 3D effect is enabled. The Equation 2 holds for both differential and single-end
configuration. The recommended tolerance of the resistor value and capacitor value of the two RC networks are
5% and 10% respectively. Tolerance out of this range may affect the 3D gain and low frequency cut-off point too
much. The desired sound quality of the 3D effect may not be obtained consequently.
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM48413 is compatible with single-ended sources. When configured for single-ended inputs, input
capacitors must be used to block and DC component at the input of the device. Figure 17 shows the typical
single-ended applications circuit.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48413


Similar Part No. - LM48413

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48413 TI1-LM48413 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48413TL NSC-LM48413TL Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
LM48413TLX NSC-LM48413TLX Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM48413

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com