Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1GU04 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC1GU04
Description  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1GU04 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1GU04_16 Datasheet HTML 1Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 2Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 3Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 4Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 5Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 6Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 7Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 8Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AHC1GU04
www.ti.com
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
7.4 Thermal Information
SN74AHC1GU04
THERMAL METRIC(1)
DBV
DCK
DRL
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
231.3
287.6
328.7
RθJC(top)
Junction-to-case (top) thermal resistance
119.9
97.7
105.1
RθJB
Junction-to-board thermal resistance
60.6
65.
150.3
°C/W
ψJT
Junction-to-top characterization parameter
17.8
2.0
6.9
ψJB
Junction-to-board characterization parameter
60.1
64.2
148.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.8
2
1.8
1.9
IOH = –50 µA
3 V
2.7
3
2.7
2.7
VOH
4.5 V
4
4.5
4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.2
0.2
0.1
IOH = 50 µA
3 V
0.3
0.3
0.1
VOL
4.5 V
0.5
0.5
0.1
V
IOL = 4 mA
3 V
0.36
0.44
0.44
IOL = 8 mA
4.5 V
0.36
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1
±1
µA
5.5 V
ICC
VI = VCC or GND, IO = 0
5.5 V
1
10
10
µA
Ci
VI = VCC or GND
5 V
2
10
10
10
pF
7.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
OUTPUT
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5
7.1
1
8.5
1
9.5
A
Y
CL = 15 pF
ns
tPHL
5
7.1
1
8.5
1
9.5
tPLH
7.5
10.6
1
12
1
13
A
Y
CL = 50 pF
ns
tPHL
7.5
10.6
1
12
1
13
7.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
OUTPUT
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
3.5
5.5
1
6
1
6.5
A
Y
CL = 15 pF
ns
tPHL
3.5
5.5
1
6
1
6.5
tPLH
5
7
1
8
1
8.5
A
Y
CL = 50 pF
ns
tPHL
5
7
1
8
1
8.5
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC1GU04


Similar Part No. - SN74AHC1GU04_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1GU04 TI1-SN74AHC1GU04_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74AHC1GU04_16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com