Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALVCHS162830AGRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ALVCHS162830AGRE4
Description  1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ALVCHS162830AGRE4 Datasheet(HTML) 4 Page - Texas Instruments

  ALVCHS162830AGRE4 Datasheet HTML 1Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 2Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 3Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 4Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 5Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 6Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 7Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 8Page - Texas Instruments ALVCHS162830AGRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74ALVCHS162830A
1BIT TO 2BIT ADDRESS DRIVER
WITH 3STATE OUTPUTS
SCES624 − FEBRUARY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VIK
II = −18 mA
2.3 V
−1.2
V
VIK
II = 18 mA
2.3 V
VCC + 1.2
V
IOH = −100 µA
2.3 V to 3.6 V
VCC − 0.2
IOH = −4 mA,
VIH = 1.7 V
2.3 V
1.9
VOH
IOH = −6 mA
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = −6 mA
VIH = 2 V
3 V
2.4
V
IOH = −8 mA,
VIH = 2 V
2.7 V
2
IOH = −12 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
2.3 V to 3.6 V
0.2
IOL = 4 mA,
VIL = 0.7 V
2.3 V
0.4
VOL
IOL = 6 mA
VIL = 0.7 V
2.3 V
0.55
V
VOL
IOL = 6 mA
VIL = 0.8 V
3 V
0.55
V
IOL = 8 mA,
VIL = 0.8 V
2.7 V
0.6
IOL = 12 mA,
VIL = 0.8 V
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
VI = 1.7 V
2.3 V
−45
II(hold)
VI = 0.8 V
3 V
75
µA
II(hold)
VI = 2 V
3 V
−75
µA
VI = 0 to 3.6 V‡
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
µA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3.5
pF
Ci
Data inputs
VI = VCC or GND
3.3 V
4.5
pF
Co
Outputs
VO = VCC or GND
3.3 V
4.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
1.2
3.8
4
1.7
3.5
ns
ten
OE
Y
1
5.7
5.7
1
4.8
ns
tdis
OE
Y
1
4.9
5.4
1.7
5.2
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
One OE enabled
CL = 0,
f = 10 MHz
17
17.5
pF
Cpd
Power dissipation capacitance
per bit (one output switching)
All outputs disabled
CL = 0,
f = 10 MHz
0.4
0.5
pF


Similar Part No. - ALVCHS162830AGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ALVCHS162830AGRE4 TI-ALVCHS162830AGRE4 Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - ALVCHS162830AGRE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCHS162830 HITACHI-HD74ALVCHS162830 Datasheet
57Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830_08 Datasheet
288Kb / 11P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com