Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN-121 Datasheet(PDF) 2 Page - Exar Corporation

Part # DAN-121
Description  EXAR?셎 XR68C92/192 COMPARED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-121 Datasheet(HTML) 2 Page - Exar Corporation

  DAN-121 Datasheet HTML 1Page - Exar Corporation DAN-121 Datasheet HTML 2Page - Exar Corporation DAN-121 Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA COMMUNICATIONS APPLICATION NOTE
DAN121
2
1.4
SUMMARY OF DIFFERENCES
In the table below, some differences between the XR68C92/192 and SCC68692 are summarized.
1.5
REPLACING THE SCC68692 WITH THE XR68C92/192
You can directly replace the Philips SCC68692 with Exar’s XR68C92/192 without any hardware changes if us-
ing either the 44-PLCC or 40-PDIP packages. Hardware changes will be necessary to upgrade to the smaller
44-TQFP package.
Since the XR68C92/192 has a larger Transmit and Receive FIFO, the software will need to be updated to fully
utilize the features of the XR68C92/192. The XR68C92/192 allows the hardware designer to choose either a 5
or 3.3 V power supply instead of being limited to a 5 V power supply only. Also, the XR68C92/192 has a lower
power consumption than the SCC68692.
The XR68C92/192 can accept up to a 24 MHz frequency on XTAL1 whereas the SCC68692 can only accept
up to a 4 MHz frequency. The maximum data transfer rate for the XR68C92/192 is 1 Mbps compared to only
125 Kbps for the SCC68692.
TABLE 1: DIFFERENCES BETWEEN EXARS XR68C92/192 WITH PHILIPSS SCC68692
DIFFERENCES
XR68C92/192
SCC68692
Data Bus Standard
Motorola
Motorola
Power Supply Operation
3.3 and 5 V
5 V only
Max Operating Current
3 mA @ 3.3 V
6 mA @ 5 V
10 mA @ 5 V
Max Frequency on XTAL1
24 MHz
4 MHz
Max Data Rate
1 Mbps
125 Kbps
Operating Temperature Range
Commercial and Industrial
Commercial and Industrial
Package
44-TQFP, 44-PLCC,
40-PDIP
44-PLCC, 40-PDIP,
40-CDIP
TX FIFO Size
8 (XR68C92)
16 (XR68C192)
1
RX FIFO Size
8 (XR68C92)
16 (XR68C192)
3
TX FIFO Trigger Levels
8, 4, 6, 1 (XR68C92)
16, 8, 12, 1(XR68C192)
1
RX FIFO Trigger Levels
1, 3, 6, 8 (XR68C92)
1, 6, 12, 16 (XR68C192)
1, 3


Similar Part No. - DAN-121

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-120 EXAR-DAN-120 Datasheet
35Kb / 3P
   EXAR?셎 XR68C92/192 AND XR88C92/192 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-123 EXAR-DAN-123 Datasheet
32Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-124 EXAR-DAN-124 Datasheet
30Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
More results

Similar Description - DAN-121

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-120 EXAR-DAN-120 Datasheet
35Kb / 3P
   EXAR?셎 XR68C92/192 AND XR88C92/192 COMPARED
DAN-124 EXAR-DAN-124 Datasheet
30Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-123 EXAR-DAN-123 Datasheet
32Kb / 3P
   EXAR?셎 XR88C92/192 COMPARED
DAN-140 EXAR-DAN-140 Datasheet
34Kb / 3P
   EXAR?셎 XR16C850 COMPARED
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
   EXAR?셎 XR68C681 COMPARED
DAN-133 EXAR-DAN-133 Datasheet
93Kb / 8P
   EXAR?셎 QUARTS COMPARED
DAN-143 EXAR-DAN-143 Datasheet
29Kb / 3P
   EXAR?셎 XR17C154 COMPARED
DAN-125 EXAR-DAN-125 Datasheet
25Kb / 2P
   EXAR?셎 XR16L784 COMPARED
DAN-126 EXAR-DAN-126 Datasheet
25Kb / 2P
   EXAR?셎 XR16L788 COMPARED
DAN-139 EXAR-DAN-139 Datasheet
49Kb / 5P
   EXAR?셎 XR16L580 COMPARED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com