Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

767167GPTR13 Datasheet(PDF) 1 Page - CTS Corporation

Part # 767167GPTR13
Description  Medium Body Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

767167GPTR13 Datasheet(HTML) 1 Page - CTS Corporation

  767167GPTR13 Datasheet HTML 1Page - CTS Corporation 767167GPTR13 Datasheet HTML 2Page - CTS Corporation 767167GPTR13 Datasheet HTML 3Page - CTS Corporation 767167GPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0349-0
Page 1 - 4
Rev. C
www.ctscorp.com
Series 767
Surface Mount Resistor Network
FEATURES
• Medium Body Design
• Surface Mount Gull Wing Design
• Solid Ceramic Construction
• No Internal Dendrite Growth
• Requires 30% Less Board Space than Molded Products
of the Same Power Rating
• Meets EIA PDP SOGN-0001 Outline
• Application Specific Circuits are Available
• Compatible with Solder Reflow Process
• Tape and Reel Packaging or Slide Packs
RoHS Compliant in Accordance with EU Directive 2011/65/EU
- Lead-Free Termination Finish
- Exemption 7(c)-I, Electrical and electronic components containing lead [Pb] in glass
ORDERING INFORMATION
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers;
Tape & Reel, 767141103GPTR13.
Slide Pack, 767141103GP.
RESISTOR CODE
Refer to tables on Page 2.
[Codes are 3 - 4 characters.]
Blank = Slide Pack
TR13 = Tape & Reel, 13" reel
Schematic 1 & 3
J = ±5%
G = ±2% [Std]
F = ±1%
D = ±1/2%
Schematic 5
Tolerance code is not added for
dual terminator configuration.
Standard tolerance is ±2%.
TOLERANCE
Lead Finish: SnAgCu over Ni
barrier on Cu lead wire.
RoHS COMPLIANT
Schematic 7
F = ±1 LSB
D = ±1/2 LSB
[LSB = Least Significant Bit]
PACKAGING
SCHEMATIC
NUMBER OF PINS
P
767
1 - Bussed Circuit
3 - Isolated Circuit
5 - Dual Terminator Circuit
7 - Ladder
14 = 14 pins
16 = 16 pins
Contact your local CTS Representative or CTS Customer Service for availability.
Not all performance combinations and resistor values may be available.


Similar Part No. - 767167GPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767161103G CTS-767161103G Datasheet
93Kb / 4P
   Series 767 Surface Mount Resistor Network
767161471GP CTS-767161471GP Datasheet
93Kb / 4P
   Medium Body Design
767163151G CTS-767163151G Datasheet
93Kb / 4P
   Medium Body Design
767163152GP CTS-767163152GP Datasheet
93Kb / 4P
   Medium Body Design
767163181GP CTS-767163181GP Datasheet
214Kb / 5P
   Medium Body Design
More results

Similar Description - 767167GPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767163270GP CTS-767163270GP Datasheet
93Kb / 4P
   Medium Body Design
767143101GP CTS-767143101GP Datasheet
93Kb / 4P
   Medium Body Design
767163471G CTS-767163471G Datasheet
214Kb / 5P
   Medium Body Design
767163152GP CTS-767163152GP Datasheet
93Kb / 4P
   Medium Body Design
768161472G CTS-768161472G Datasheet
95Kb / 4P
   Medium Body Design
767163181GP CTS-767163181GP Datasheet
214Kb / 5P
   Medium Body Design
767161471GP CTS-767161471GP Datasheet
93Kb / 4P
   Medium Body Design
767163151G CTS-767163151G Datasheet
93Kb / 4P
   Medium Body Design
768143471GP CTS-768143471GP Datasheet
95Kb / 4P
   Medium Body Design
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com