Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

768163GPTR13 Datasheet(PDF) 4 Page - CTS Corporation

Part # 768163GPTR13
Description  Surface Mount Gull Wing Design
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768163GPTR13 Datasheet(HTML) 4 Page - CTS Corporation

  768163GPTR13 Datasheet HTML 1Page - CTS Corporation 768163GPTR13 Datasheet HTML 2Page - CTS Corporation 768163GPTR13 Datasheet HTML 3Page - CTS Corporation 768163GPTR13 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0350-0
Page 4 - 4
Rev. C
Series 768
Surface Mount Resistor Network
MECHANICAL SPECIFICATION
PACKAGE DRAWING
mm
inch
14
9.91 ±0.25
0.390 ±0.010
16
11.18 ±0.24
0.440 ±0.009
20
13.70 ±0.25
0.540 ±0.010
No. of Pins
"A" Dimension
Notes:
1. Lead Co-Planarity - 0.10mm maximum [0.039in.]
3. Lead termination (e1). Barrier plating is nickel (Ni) with tin/silver/copper (Sn Ag Cu) finish.
2. General Tolerances - ±0.25mm [±0.010in.]
4. Reflow conditions per JEDEC-J-STD-020, +260°C maximum.
PART
NO.
DATE CODE
MODULES WILL B E
MARKED WITH A SQUARE
AT PIN #1 (TOP MARKING)
1.270
.050
.430±.050
.017±.002
.200
0°- 8°
+.050
-.030
.00 8
+.002
-.001
NOTE #1
TYP.
INSULA TION COATING
APPLIED O N TWO SURFACES
A DIM.
5.5 90
.220
+.130
-.250
+.005
-.010
7.62 0
.300
MAX. TYP.
1.350
.053
.810
.032
+.330
-.300
+.013
-.012
1.600 ±.200
.063±.008
.190 ±.060
.0075±.005
BELOW
SEATING
PLANE
RECOMMENDED LAND PATTERN
mm
5.34
7.37
9.40
7.60
in.
0.21
0.29
0.37
0.30
mm
5.34
7.37
9.40
8.90
in.
0.21
0.29
0.37
0.35
mm
5.34
7.37
9.40
11.40
in.
0.21
0.29
0.37
0.45
16 Pin
20 Pin
D
14 Pin
LEAD COUNT
A
B
C
C
A
B
D
2.03
.080
1.27
.050
0.63
.025 TYP.
TYP.
TYP.


Similar Part No. - 768163GPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768163103DP CTS-768163103DP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768163103DPTR13 CTS-768163103DPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768163103FP CTS-768163103FP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768163103FPTR13 CTS-768163103FPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768163103GP CTS-768163103GP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
More results

Similar Description - 768163GPTR13

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2630 AVAGO-HCPL-2630 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66288 MICROPAC-66288 Datasheet
46Kb / 2P
   HIGH GAIN GULL WING OPTOCOUPLER
logo
LUMEX INC.
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
   Axial LED, GUll WING LEADS
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
logo
Marktech Corporate
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
logo
LUMEX INC.
SSL-LXA228GC-TR11 LUMEX-SSL-LXA228GC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com