Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040DIM3-4.1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040DIM3-4.1
Description  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3-4.1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4040DIM3-4.1 Datasheet HTML 2Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 3Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 4Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 5Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 6Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 7Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 8Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 9Page - Texas Instruments LM4040DIM3-4.1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
LM4040-N, LM4040-N-Q1
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
RθJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/RθJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4040-N,
TJmax = 125°C, and the typical thermal resistance (RθJA), when board mounted, is 326°C/W for the SOT-23 package, and 180°C/W with
0.4
″ lead length and 170°C/W with 0.125″ lead length for the TO-92 package and 415°C/W for the SC70 package.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Temperature
(Tmin ≤ TA ≤ Tmax)
Industrial Temperature
–40°C
≤ TA ≤ 85
°C
Extended Temperature
–40
≤ TA ≤ 125°C
°C
Reverse Current
LM4040-N-2.0
60
15
μA to mA
LM4040-N-2.5
60
15
μA to mA
LM4040-N-3.0
62
15
μA to mA
LM4040-N-4.1
68
15
μA to mA
LM4040-N-5.0
74
15
μA to mA
LM4040-N-8.2
91
15
μA to mA
LM4040-N-10.0
100
15
μA to mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM4040-N/LM4040-N-Q1
UNIT
DBZ (SOT-23)
LP (TO-92)
DCK (SC70)
3 PINS
3 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
291.9
166
267
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
114.3
88.2
95.6
°C/W
RθJB
Junction-to-board thermal resistance
62.3
145.2
48.1
°C/W
ψJT
Junction-to-top characterization parameter
7.4
32.5
2.4
°C/W
ψJB
Junction-to-board characterization parameter
61
N/A
47.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W


Similar Part No. - LM4040DIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040DIM3-4.1 NSC-LM4040DIM3-4.1 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040DIM3-4.1 MICREL-LM4040DIM3-4.1 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040DIM3-4.1 NSC-LM4040DIM3-4.1 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040DIM3-4.1 MICREL-LM4040DIM3-4.1 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3-4.1 TI1-LM4040DIM3-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040DIM3-4.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com