Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

753103GPTR7 Datasheet(PDF) 3 Page - CTS Corporation

Part # 753103GPTR7
Description  High Density Packaging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753103GPTR7 Datasheet(HTML) 3 Page - CTS Corporation

  753103GPTR7 Datasheet HTML 1Page - CTS Corporation 753103GPTR7 Datasheet HTML 2Page - CTS Corporation 753103GPTR7 Datasheet HTML 3Page - CTS Corporation 753103GPTR7 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0352-0
Page 3 - 4
Rev. B
Series 753
Surface Mount Resistor Network
ELECTRICAL CHARACTERISTICS
PACKAGING INFORMATION
Reel Diameter
7"
13"
Tape Width
Tape Pitch
No. Parts/Reel
1,000
5,000
16mm
4mm
Tape & Reel
GENERAL REQUIREMENTS
Resistance Range:
Resistance Tolerance:
Standard: 10 Ohms to 1M Ohms
Standard: ±2% or 0.5 Ohms [whichever is greater]
Special: ±1% or 0.3 Ohms [whichever is greater]
Operating Temperature Range:
-55°C to +125°C
Dielectric Strength:
100 VAC
Temperature Coefficient:
Standard: ±200ppm/°C
Maximum Operating Voltage:
25 V, not to exceed rated power
CIRCUIT TYPES
POWER RATING
[Total Network Power, number of inputs/outputs (Watts)]
SRT
8 Pad
9 Pad
10 Pad 12 Pad
-
-
-
-
DRT
-
-
-
-
16 Pad 18 Pad 20 Pad 24 Pad
@25°C
0.60W
0.64W
0.68W
0.82W
0.60W
0.64W
0.68W
0.82W
@70°C
0.40W
0.43W
0.45W
0.55W
0.40W
0.43W
0.45W
0.55W
MAXIMUM RESISTOR POWER
[Not to exceed total network power]
Schematic
1
3
5
@25°C
0.06W
0.12W
0.06W
@70°C
0.04W
0.08W
0.04W
BUSSED SRT [Schematic 1]
ISOLATED DRT [Schematic 3]
(Not Available in 18 Pads Configuration)
DUAL TERMINATOR SRT [Schematic 5]
(Not Available in DRT)
BUSSED DRT [Schematic 1]
ISOLATED SRT [Schematic 3]
(Not Available in 9 Pads Configuration)


Similar Part No. - 753103GPTR7

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
75310322 KATHREIN-75310322 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
75310335 KATHREIN-75310335 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
75310384 KATHREIN-75310384 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
75310386 KATHREIN-75310386 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - 753103GPTR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com