Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC2G126HDCT3 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC2G126HDCT3
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2G126HDCT3 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC2G126HDCT3 Datasheet HTML 1Page - Texas Instruments SN74AHC2G126HDCT3 Datasheet HTML 2Page - Texas Instruments SN74AHC2G126HDCT3 Datasheet HTML 3Page - Texas Instruments SN74AHC2G126HDCT3 Datasheet HTML 4Page - Texas Instruments SN74AHC2G126HDCT3 Datasheet HTML 5Page - Texas Instruments SN74AHC2G126HDCT3 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74AHC2G126
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCLS440A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = –50 mA
3 V
2.9
3
2.9
VOH
4.5 V
4.4
4.5
4.4
V
IOH = –4 mA
3 V
2.58
2.48
IOH = –8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
4.5 V
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.44
IOL = 8 mA
4.5 V
0.36
0.44
II
A or OE input
VI = VCC or GND
5.5 V
±0.1
±1
mA
IOZ
VI = VCC or GND
5.5 V
±0.25
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
mA
Ci
VI = VCC or GND
5 V
pF
Co
VO = VCC or GND
5 V
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
ns
tPHL
A
Y
CL = 15 pF
ns
tPZH
OE
Y
CL =15 pF
ns
tPZL
OE
Y
CL = 15 pF
ns
tPHZ
OE
Y
CL =15 pF
ns
tPLZ
OE
Y
CL = 15 pF
ns
tPLH
A
Y
CL =50 pF
ns
tPHL
A
Y
CL = 50 pF
ns
tPZH
OE
Y
CL =50 pF
ns
tPZL
OE
Y
CL = 50 pF
ns
tPHZ
OE
Y
CL =50 pF
ns
tPLZ
OE
Y
CL = 50 pF
ns


Similar Part No. - SN74AHC2G126HDCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCT3 TI1-SN74AHC2G125HDCT3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCU3 TI1-SN74AHC2G125HDCU3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC2G126HDCT3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com