Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT367D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT367D
Description  Hex Buffer and Line Driver with 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT367D Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT367D Datasheet HTML 1Page - Texas Instruments SN74AHCT367D Datasheet HTML 2Page - Texas Instruments SN74AHCT367D Datasheet HTML 3Page - Texas Instruments SN74AHCT367D Datasheet HTML 4Page - Texas Instruments SN74AHCT367D Datasheet HTML 5Page - Texas Instruments SN74AHCT367D Datasheet HTML 6Page - Texas Instruments SN74AHCT367D Datasheet HTML 7Page - Texas Instruments SN74AHCT367D Datasheet HTML 8Page - Texas Instruments SN74AHCT367D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1OE
To Three Other Channels
1A1
1Y1
2OE
To One Other Channel
2A1
2Y1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AHCT367
SCLS418H – JUNE 1998 – REVISED DECEMBER 2014
SN74AHCT367 Hex Buffer and Line Driver with 3-State Output
1 Features
3 Description
The SN74AHCT367 device is designed specifically to
1
Inputs are TTL-Voltage Compatible
improve
both
the
performance
and
density
of
True Outputs
3-state memory address drivers, clock drivers, and
Latch-Up Performance Exceeds 100 mA
bus-oriented receivers and transmitters.
Per JESD 78, Class II
Device Information(1)
ESD Protection Exceeds JESD 22
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2000-V Human-Body Model
19.30 mm x 6.35
PDIP (16)
200-V Machine Model
mm
2000-V Charged-Device Model
SSOP (16)
6.50 mm x 5.30 mm
SN74AHCT367
TSSOP (16)
5.00 mm x 4.40 mm
2 Applications
10.20 mm x 5.30
SOP (16)
mm
Telecom Infrastructure
SOIC (16)
9.00 mm x 3.90 mm
TVs
(1) For all available packages, see the orderable addendum at
Set Top Boxes
the end of the data sheet.
Network Switches
Wireless Infrastructure
Electronic Points of Sale
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AHCT367D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT367D TI-SN74AHCT367D Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367D TI-SN74AHCT367D Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367D TI-SN74AHCT367D Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367DBR TI-SN74AHCT367DBR Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367DBR TI-SN74AHCT367DBR Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHCT367D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com