Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT595D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT595D
Description  SNx4AHCT595 8-Bit Shift Registers With 3-State Output Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT595D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT595D Datasheet HTML 2Page - Texas Instruments SN74AHCT595D Datasheet HTML 3Page - Texas Instruments SN74AHCT595D Datasheet HTML 4Page - Texas Instruments SN74AHCT595D Datasheet HTML 5Page - Texas Instruments SN74AHCT595D Datasheet HTML 6Page - Texas Instruments SN74AHCT595D Datasheet HTML 7Page - Texas Instruments SN74AHCT595D Datasheet HTML 8Page - Texas Instruments SN74AHCT595D Datasheet HTML 9Page - Texas Instruments SN74AHCT595D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SRCLK
SER
RCLK
SRCLR
OE
QA
QB
QC
QD
QE
QF
QG
QH
QH’
implies that the output is in 3-State mode.
NOTE:
SN54AHCT595, SN74AHCT595
SCLS374N – MAY 1997 – REVISED JULY 2014
www.ti.com
Figure 1. Timing Diagram
7.7 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54AHCT595(1)
SN74AHCT595
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
135(2)
170(2)
115(2)
115
fmax
MHz
CL = 50 pF
95
140
85
85
tPLH
4.3(2)
7.4(2)
1(2)
8.5(2)
1
8.5
RCLK
QA – QH
CL = 15 pF
ns
tPHL
4.3(2)
7.4(2)
1(2)
8.5(2)
1
8.5
tPLH
4.5(2)
8.2(2)
1(2)
9.4(2)
1
9.4
SRCLK
QH’
CL = 15 pF
ns
tPHL
4.5(2)
8.2(2)
1(2)
9.4(2)
1
9.4
tPHL
SRCLR
QH’
CL = 15 pF
4.5(2)
8(2)
1(2)
9.1(2)
1
9.1
ns
tPZH
4.3(2)
8.6(2)
1(2)
10(2)
1
10
OE
QA – QH
CL = 15 pF
ns
tPZL
5.4(2)
8.6(2)
1(2)
10(2)
1
10
tPLH
5.6
9.4
1
10.5
1
10.5
RCLK
QA – QH
CL = 50 pF
ns
tPHL
5.6
9.4
1
10.5
1
10.5
tPLH
6.4
10.2
1
11.4
1
11.4
SRCLK
QH’
CL = 50 pF
ns
tPHL
6.4
10.2
1
11.4
1
11.4
tPHL
SRCLR
QH’
CL = 50 pF
6.4
10
1
11.1
1
11.1
ns
tPZH
5.7
10.6
1
12
1
12
OE
QA – QH
CL = 50 pF
ns
tPZL
6.8
10.6
1
12
1
12
tPHZ
3.5
10.3
1
11
1
11
OE
QA – QH
CL = 50 pF
ns
tPLZ
3.4
10.3
1
11
1
11
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT595 SN74AHCT595


Similar Part No. - SN74AHCT595D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT595D TI-SN74AHCT595D Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595DBR TI-SN74AHCT595DBR Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595DBRE4 TI-SN74AHCT595DBRE4 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595DE4 TI-SN74AHCT595DE4 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595DR TI-SN74AHCT595DR Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHCT595D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com