Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD70N03-06P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUD70N03-06P
Description  N-Channel 30-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD70N03-06P Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD70N03-06P Datasheet HTML 1Page - Vishay Siliconix SUD70N03-06P Datasheet HTML 2Page - Vishay Siliconix SUD70N03-06P Datasheet HTML 3Page - Vishay Siliconix SUD70N03-06P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD70N03-06P
Vishay Siliconix
New Product
Document Number: 72238
S-40427—Rev. C, 15-Mar-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
10203040
50
0.000
0.003
0.006
0.009
0.012
0.015
0
20406080
100
0
20
40
60
80
100
120
0
10203040
50
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
25
30
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
VDS = 15 V
ID = 50 A
VGS = 10 V
VGS = 4.5 V
Crss
TC = −55_C
25_C
125_C
Ciss
ID − Drain Current (A)
Coss
0.0
0.5
1.0
1.5
2.0
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 20 A
TJ = 25_C
TJ = 150_C
0
10


Similar Part No. - SUD70N03-06P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD70N03-06P-E3 VBSEMI-SUD70N03-06P-E3 Datasheet
900Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com