Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS638A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALS638A
Description  OCTAL BUS TRANSCEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS638A Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS638A_16 Datasheet HTML 1Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 2Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 3Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 4Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 5Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 6Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 7Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 8Page - Texas Instruments SN74ALS638A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74ALS638A, SN74ALS639A, SN74AS638A, SN74AS639
OCTAL BUS TRANSCEIVERS
SDAS123A – DECEMBER 1983 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS638A
SN74AS639
UNIT
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
IOH
A ports
VCC = 4.5 V,
VOH = 5.5 V
0.1
mA
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VOH
B ports
VCC =4 5V
IOH = – 3 mA
2.4
3.2
V
VCC = 4.5 V
IOH = – 15 mA
2.4
VOL
A or B ports
VCC = 4.5 V,
IOL = 64 mA
0.35
0.55
V
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
mA
II
A or B ports
VCC = 5.5 V
VI = 5.5 V
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
µA
IIH
A or B ports‡
VCC = 5.5 V,
VI = 2.7 V
70
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.5
mA
IIL
A or B ports‡
VCC = 5.5 V,
VI = 0.4 V
– 0.75
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–50
– 150
mA
Outputs high
24
54
SN74AS638A
VCC = 5.5 V
Outputs low
75
122
ICC
Outputs disabled
37
61
mA
ICC
Outputs high
56
92
mA
SN74AS639
VCC = 5.5 V
Outputs low
95
154
Outputs disabled
62
100
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω (A outputs),
R1 = R2 = 500
Ω (B outputs),
TA = MIN to MAX¶
UNIT
SN74AS638A
SN74AS639
MIN
MAX
MIN
MAX
tPLH
A
B
2
7
2
9.5
ns
tPHL
A
B
2
6.5
2
9
ns
tPLH
B
A
5
20
5
22
ns
tPHL
B
A
2
7
2
9
ns
tPLH
OE
A
5
19
5
21.5
ns
tPHL
OE
A
2
9
2
11.5
ns
tPZH
OE
B
2
8
2
10.5
ns
tPZL
OE
B
2
10
2
10.5
ns
tPHZ
OE
B
2
7
2
7
ns
tPLZ
OE
B
2
10
2
10.5
ns
¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS638A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS638ADW TI-SN74ALS638ADW Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638AN TI-SN74ALS638AN Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74ALS638A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com