Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G32DBVTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHC1G32DBVTE4
Description  SN74AHC1G32 Single 2-Input Positive-OR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G32DBVTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC1G32DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G32DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
4
A
B
Y
Y = A + B or Y = A • B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AHC1G32
SCLS317O – MARCH 1996 – REVISED JULY 2014
SN74AHC1G32 Single 2-Input Positive-OR Gate
1 Features
3 Description
The SN74AHC1G32 device is a single 2-input
1
Operating Range of 2 V to 5.5 V
positive-OR gate. The device performs the Boolean
Max tpd of 6.5 ns at 5 V
function
in positive logic.
Low Power Consumption, 10-µA Max ICC
Device Information(1)
±8-mA Output Drive at 5 V
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Schmitt-Trigger Action at All Inputs Makes the
SOT-23 (5)
2.90 mm × 1.60 mm
Circuit Tolerant for Slower Input Rise and Fall
SN74AHC1G32
SC70 (5)
2.00 mm × 1.25 mm
Time
SOT (5)
1.60 mm × 1.20 mm
Latch-Up Performance Exceeds 250 mA Per
JESD 17
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
4 Simplified Schematic
AV Receivers
Portable Audio Docks
Blu-ray Players and Home Theaters
MP3 Players and Recorders
Personal Digital Assistants (PDAs)
Power:
Telecom and Server AC DC Supply
Single Controllers
Analog
Digital
Client and Enterprise Solid State Drives (SSDs)
LCD and Digital TVs and High-Definition TVs
(HDTVs)
Enterprise Tablets
Video Analytics Servers
Wireless Headsets, Keyboards, and Mice
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AHC1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G32DBVTE4 TI-SN74AHC1G32DBVTE4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DBVTE4 TI-SN74AHC1G32DBVTE4 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DBVTE4 TI-SN74AHC1G32DBVTE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DBVTE4 TI-SN74AHC1G32DBVTE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74AHC1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G32-Q1 TI1-SN74AHC1G32-Q1_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHC1G32-Q1 Automotive Single 2-Input Positive-OR Gate
REVISED AUGUST 2023
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com