Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS746N Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS746N
Description  OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS746N Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS746N Datasheet HTML 1Page - Texas Instruments SN74ALS746N Datasheet HTML 2Page - Texas Instruments SN74ALS746N Datasheet HTML 3Page - Texas Instruments SN74ALS746N Datasheet HTML 4Page - Texas Instruments SN74ALS746N Datasheet HTML 5Page - Texas Instruments SN74ALS746N Datasheet HTML 6Page - Texas Instruments SN74ALS746N Datasheet HTML 7Page - Texas Instruments SN74ALS746N Datasheet HTML 8Page - Texas Instruments SN74ALS746N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74ALS746
OCTAL BUFFER AND LINE DRIVER
WITH INPUT PULLUP RESISTORS
SDAS052A − AUGUST 1984 − REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−15
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VOH
VCC = 4.5 V
IOH = − 3 mA
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = − 15 mA
2
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−20
µA
II
A
VCC = 5.5 V
VI = 5.5 V
0.1
mA
II
OE1, OE2
VCC = 5.5 V
VI = 7 V
0.1
mA
IIH
A
VCC = 5.5 V,
VI = 2.7 V
− 0.2
mA
IIH
OE1, OE2
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
A
VCC = 5.5 V,
VI = 0.4 V
− 0.6
mA
IIL
OE1, OE2
VCC = 5.5 V,
VI = 0.4 V
− 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
−30
−112
mA
Outputs high
7
12
ICC
VCC = 5.5 V
Outputs low
13
22
mA
ICC
VCC = 5.5 V
Outputs disabled
11
19
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS746N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS746 TI-SN74ALS746 Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746DW TI-SN74ALS746DW Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
More results

Similar Description - SN74ALS746N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS747 TI-SN74ALS747 Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com