Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1052P136 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1052P136
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1052P136 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1052P136 Datasheet HTML 7Page - ON Semiconductor NCP1052P136 Datasheet HTML 8Page - ON Semiconductor NCP1052P136 Datasheet HTML 9Page - ON Semiconductor NCP1052P136 Datasheet HTML 10Page - ON Semiconductor NCP1052P136 Datasheet HTML 11Page - ON Semiconductor NCP1052P136 Datasheet HTML 12Page - ON Semiconductor NCP1052P136 Datasheet HTML 13Page - ON Semiconductor NCP1052P136 Datasheet HTML 14Page - ON Semiconductor NCP1052P136 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
http://onsemi.com
11
Figure 11. Upper Window Control Input
Current Thresholds versus Temperature
− 50
25
50
150
125
0
100
30
TEMPERATURE (
°C)
34
Figure 12. Control Input Lower Window Clamp
Voltage versus Temperature
− 25
25
50
150
125
− 50
0
75
100
1.28
1.29
TEMPERATURE (
°C)
1.30
1.34
1.36
1.37
1.38
1.39
38
42
46
50
1.35
CURRENT RISING
CURRENT FALLING
ISINK = 25 mA
Figure 13. Control Input Upper Window Clamp
Voltage versus Temperature
− 25
25
50
150
125
− 50
0
75
100
4.52
4.54
TEMPERATURE (
°C)
4.56
4.58
4.60
4.64
4.66
4.62
ISOURCE = 25 mA
Figure 14. On Resistance versus Temperature
− 25
25
50
150
125
− 50
0
100
0
TEMPERATURE (
°C)
10
20
30
40
45
NCP1050,1,2
(ID = 50 mA)
NCP1053,4,5
(ID = 100 mA)
Figure 15. Power Switch and Startup Circuit
Leakage Current versus Voltage
200
400
800
0
600
0
APPLIED VOLTAGE (V)
20
40
80
100
120
60
Figure 16. Power Switch and Startup Circuit
Output Capacitance versus Applied Voltage
100
300
700
600
0
200
400
500
1
APPLIED VOLTAGE (V)
10
100
TJ = −40°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
NCP1053,4,5
NCP1050,1,2
1.31
1.33
1.32
−25
75
5
15
25
35
75
100
300
700
500
900


Similar Part No. - NCP1052P136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1052P136 ONSEMI-NCP1052P136 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1052P136G ONSEMI-NCP1052P136G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1052P136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
NCP1050 ONSEMI-NCP1050_15 Datasheet
281Kb / 25P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
April, 2015 ??Rev. 14
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com