Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-86871012A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-86871012A
Description  QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-86871012A Datasheet(HTML) 2 Page - Texas Instruments

  5962-86871012A Datasheet HTML 1Page - Texas Instruments 5962-86871012A Datasheet HTML 2Page - Texas Instruments 5962-86871012A Datasheet HTML 3Page - Texas Instruments 5962-86871012A Datasheet HTML 4Page - Texas Instruments 5962-86871012A Datasheet HTML 5Page - Texas Instruments 5962-86871012A Datasheet HTML 6Page - Texas Instruments 5962-86871012A Datasheet HTML 7Page - Texas Instruments 5962-86871012A Datasheet HTML 8Page - Texas Instruments 5962-86871012A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ALS38B, SN74ALS38B
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS196B – APRIL 1982 – REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS38B
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS38B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS38B
SN74ALS38B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS38B
SN74ALS38B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
–1.5
V
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
ICCH
VCC = 5.5 V,
VI = 0
0.86
1.6
0.86
1.6
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
4.8
7.8
4.8
7.8
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
SN54ALS38B
SN74ALS38B
MIN
MAX
MIN
MAX
tPLH
AorB
Y
7
59
10
33
ns
tPHL
A or B
Y
2
20
1
12
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - 5962-86871012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8687201DA TI-5962-8687201DA Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
5962-8687401RA TI1-5962-8687401RA Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-86871012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5438 TI-SN5438 Datasheet
623Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI1-SN54ALS03B_14 Datasheet
695Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI-SN54ALS1003A Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS38 RENESAS-HD74LS38 Datasheet
76Kb / 6P
   Quadruple 2-input Positive NAND Buffers (with Open Collector Outputs)
logo
Hitachi Semiconductor
HD74LS38 HITACHI-HD74LS38 Datasheet
44Kb / 5P
   Quadruple 2-input Positive NAND Buffers(with Open Collector Outputs)
logo
Texas Instruments
SN5438 TI1-SN5438_V01 Datasheet
1Mb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
SN54F38 TI-SN54F38 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5439 TI-SN5439 Datasheet
86Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI1-SN54ALS1003A_08 Datasheet
59Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com