Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43601-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM43601-Q1
Description  LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43601-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM43601-Q1_16 Datasheet HTML 7Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 8Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 9Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 10Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 11Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 12Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 13Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 14Page - Texas Instruments LM43601-Q1_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
Quasi Peak Limit
Average Limit
Frequency (MHz)
dBuV
100
90
80
70
60
50
40
30
20
10
0.15
1
10
30
Measured Peak Emissions
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
10000
100000
1000000
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
Load = 1 A
C001
10000
100000
1000000
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
Load = 1 A
C001
LM43601-Q1
www.ti.com
SNVSAA0A – JULY 2015 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12V, VOUT = 3.3 V, FS = 500 kHz, L = 18 µH, COUT = 100 µF, CFF = 33 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 19. Switching Frequency vs VIN in Drop-Out
Figure 20. Switching Frequency vs VIN in Drop-Out
Operation
Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 1 A
VOUT = 5 V
FS = 500 kHz
IOUT = 1 A
Measured on the LM43601QPWPEVM with default BOM. No input
Measured on the LM43601QPWPEVM with L = 27 µH, COUT = 66
filter used.
µF, CFF = 33 pF. No input filter used.
Figure 21. Radiated EMI Curve
Figure 22. Radiated EMI Curve
VOUT = 3.3 V
FS = 500 kHz
IOUT = 1 A
VOUT = 5 V
FS = 500 kHz
IOUT = 1 A
Measured on the LM43601QPWPEVM with default BOM. EVM
Measured on the LM43601QPWPEVM with L = 18 µH, COUT = 66
Input filter: Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
µF, CFF = 33 pF. Input filter Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
Figure 23. Conducted EMI Curve
Figure 24. Conducted EMI Curve
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM43601-Q1


Similar Part No. - LM43601-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43601-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com