Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC3641-10PCB Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALVC3641-10PCB
Description  SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC3641-10PCB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVC3641-10PCB Datasheet HTML 3Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 4Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 5Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 6Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 9Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 10Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SN74ALVC3631, SN74ALVC3641, SN74ALVC3651
512
× 36, 1024 × 36, 2048 × 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SDMS025B – OCTOBER 1999 – REVISED JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
serial load
To program the X and Y registers serially, the device is reset with FS0/SD and FS1/SEN high during the
low-to-high transition of RST. After this reset is complete, the X-and Y-register values are loaded bitwise through
FS0/SD on each low-to-high transition of CLKA that FS1/SEN is low. Eighteen (SN74ALVC3631), twenty
(SN74ALVC3641), and twenty-two (SN74ALVC3651) bit writes are needed to complete the programming. The
first bit write stores the most-significant bit of the Y register and the last bit write stores the least-significant bit
of the X register. Each register value can be programmed from 1 to 508 (SN74ALVC3631), 1 to 1020
(SN74ALVC3641), and 1 to 2044 (SN74ALVC3651).
When the option is chosen to program the offset registers serially, the IR flag remains low until all register bits
are written. The IR flag is set high by the low-to-high transition of CLKA after the last bit is loaded, to allow normal
FIFO operation.
FIFO write/read operation
The state of the port-A data (A0–A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0–A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0–A35 outputs are active when both CSA and W/RA are low.
Data is loaded into the FIFO from the A0–A35 inputs on a low-to-high transition of CLKA when CSA and the
port-A mailbox select (MBA) are low, W/RA, the port-A enable (ENA), and the IR flag are high (see Table 2).
Writes to the FIFO are independent of any concurrent FIFO reads.
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0–A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
HH
L
In high-impedance state
FIFO write
L
HH
H
In high-impedance state
Mail1 write
L
L
L
L
X
Active, mail2 register
None
L
LHL
Active, mail2 register
None
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A, with the exception that the port-B write/read select
(W/RB) is the inverse of the W/RA. The state of the port-B data (B0–B35) outputs is controlled by the port-B
chip select (CSB) and W/RB. The B0–B35 outputs are in the high-impedance state when either CSB is high or
W/RB is low. The B0–B35 outputs are active when CSB is low and W/RB is high.
Data is read from the FIFO to its output register on a low-to-high transition of CLKB when CSB and MBB are
low, W/RB, ENB, and the OR flag are high (see Table 3). Reads from the FIFO are independent of any concurrent
FIFO writes.


Similar Part No. - SN74ALVC3641-10PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3641 TI-SN74ALVC3641 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ALVC3641-10PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com