Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602QDSUTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM43602QDSUTQ1
Description  SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43602QDSUTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM43602QDSUTQ1 Datasheet HTML 7Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 8Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 9Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 10Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 11Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 12Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 13Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 14Page - Texas Instruments LM43602QDSUTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
86.0
87.0
88.0
89.0
90.0
91.0
92.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
92.0
93.0
94.0
95.0
96.0
97.0
98.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
109.0
109.5
110.0
110.5
111.0
111.5
112.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
104.0
104.5
105.0
105.5
106.0
106.5
107.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
90
100
110
120
130
140
150
160
170
180
190
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
40
45
50
55
60
65
70
75
80
85
90
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (deg C)
C001
LM43602-Q1
www.ti.com
SNVSA83A – APRIL 2015 – REVISED MAY 2015
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz, L = 6.8 µH. Please refer to Application Performance
Curves for bill of materials for other VOUT and FS combinations.
Figure 19. High Side FET On Resistance vs Junction
Figure 20. Low Side FET On Resistance vs Junction
Temperature
Temperature
Figure 21. PGOOD OVP Falling Threshold vs Junction
Figure 22. PGOOD OVP Rising Threshold vs Junction
Temperature
Temperature
Figure 23. PGOOD UVP Falling Threshold vs Junction
Figure 24. PGOOD UVP Rising Threshold vs Junction
Temperature
Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM43602-Q1


Similar Part No. - LM43602QDSUTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602DSUR TI1-LM43602DSUR Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602DSUT TI1-LM43602DSUT Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602PWP TI1-LM43602PWP Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43602QDSUTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com