Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS40AN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS40AN
Description  DUAL 4-INPUT POSITIVE-NAND BUFFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS40AN Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS40AN Datasheet HTML 1Page - Texas Instruments SN74ALS40AN Datasheet HTML 2Page - Texas Instruments SN74ALS40AN Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SN54ALS40A, SN74ALS40A
DUAL 4INPUT POSITIVENAND BUFFERS
SDAS197 − D2661, APRIL 1984 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1986, Texas Instruments Incorporated
5BASIC
1
Package Options include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
Dependable Texas Instruments Quality and
Reliability
description
These devices contain two independent 4-input
NAND buffer gates. They perform the Boolean
functions Y = A
•B•C•D or Y = A + B + C+ D in
positive logic.
The SN54ALS40A is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74ALS40A is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
Y
H
H
H
H
L
L
XXX
H
X
LX
X
H
X
XLX
H
X
X
X
L
H
logic symbol
&
13
12
8
2Y
6
1Y
10
9
5
4
2
1
2D
2C
2B
2A
1D
1C
1B
1A
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
1Y
1D
1A
1B
1C
2C
2B
2A
2D
2Y
logic diagram (positive logic)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54ALS40A ...J PACKAGE
SN74ALS40A . . . D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
2C
NC
NC
2B
NC
NC
1C
NC
1D
SN54ALS40A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS40AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS40A TI-SN74ALS40A Datasheet
68Kb / 2P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results

Similar Description - SN74ALS40AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1020A TI1-SN74ALS1020A Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN5440 TI-SN5440 Datasheet
196Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN54ALS40A TI-SN54ALS40A Datasheet
68Kb / 2P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Integral Corp.
IN7440 INTEGRAL-IN7440 Datasheet
196Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
KODENSHI_AUK CORP.
KK7440 KODENSHI-KK7440 Datasheet
209Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Hitachi Semiconductor
HD74LS40 HITACHI-HD74LS40 Datasheet
45Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
   Quadruple 2-input Positive NAND Buffers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com