Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162835 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVCH162835
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162835 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH162835_15 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162835_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
NC
NC
Y1
GND
Y2
Y3
VCC
Y4
Y5
Y6
GND
Y7
Y8
Y9
Y10
Y11
Y12
GND
Y13
Y14
Y15
VCC
Y16
Y17
GND
Y18
OE
LE
GND
NC
A1
GND
A2
A3
VCC
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC
A16
A17
GND
A18
CLK
GND
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
NC − No internal connection
SN74ALVCH162835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES121F – JULY 1997 – REVISED OCTOBER 2004
Member of the Texas Instruments Widebus™
Family
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
Output Port Has Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Package Options Include Plastic Shrink
Small-Outline (DL), Thin Shrink Small-Outline
(DGG), and Thin Very Small-Outline (DGV)
Packages
NOTE: For tape-and-reel order entry, the DGGR package is
abbreviated to GR, and the DGVR package is abbreviated
to VR.
This 18-bit universal bus driver is designed for 1.65-V
to 3.6-V VCC operation.
Data
flow
from
A
to
Y
is
controlled
by
the
output-enable (OE) input. The device operates in the
transparent mode when the latch-enable (LE) input is
high. When LE is low, the A data is latched if the
clock (CLK) input is held at a high or low logic level. If
LE is low, the A data is stored in the latch/flip-flop on
the low-to-high transition of CLK. When OE is high,
the
outputs
are
in
the
high-impedance
state.
<br/>
The output port includes equivalent 26-
Ω series resistors to reduce overshoot and undershoot.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN74ALVCH162835 is characterized for operation from -40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, EPIC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVCH162835_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162835DGG TI-SN74ALVCH162835DGG Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835DGV TI-SN74ALVCH162835DGV Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835DL TI-SN74ALVCH162835DL Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162835_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com