Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS1008A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS1008A
Description  QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1008A Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS1008A Datasheet HTML 1Page - Texas Instruments SN74AS1008A Datasheet HTML 2Page - Texas Instruments SN74AS1008A Datasheet HTML 3Page - Texas Instruments SN74AS1008A Datasheet HTML 4Page - Texas Instruments SN74AS1008A Datasheet HTML 5Page - Texas Instruments SN74AS1008A Datasheet HTML 6Page - Texas Instruments SN74AS1008A Datasheet HTML 7Page - Texas Instruments SN74AS1008A Datasheet HTML 8Page - Texas Instruments SN74AS1008A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74AS1008A
QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SDAS071B – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Driver Version of ′AS08
Offers High Capacitive-Drive Capability
Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs
description
This device contains four independent 2-input
positive-AND buffers/drivers. It performs the
Boolean functions Y = A
• B or Y = A + B in positive
logic.
The SN74AS1008A is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
H
L
XL
X
L
L
logic symbol
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
9
3A
10
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
8
4Y
11
4A
4B
4Y
3A
3B
3Y
2A
2B
2Y
1Y
1B
1A
1
2
4
5
9
10
12
13
3
6
8
11
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS1008A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1008A TI-SN74AS1008A Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008AD TI-SN74AS1008AD Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008ADE4 TI-SN74AS1008ADE4 Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008ADR TI-SN74AS1008ADR Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008ADRE4 TI-SN74AS1008ADRE4 Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
More results

Similar Description - SN74AS1008A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1008A TI-SN74AS1008A Datasheet
238Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74ALS1008A FAIRCHILD-DM74ALS1008A Datasheet
46Kb / 4P
   Quadruple 2-Input AND Buffer
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com