Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT6014 Datasheet(PDF) 10 Page - Weltrend Semiconductor

Part # WT6014
Description  Digital Monitor Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor

WT6014 Datasheet(HTML) 10 Page - Weltrend Semiconductor

Back Button WT6014 Datasheet HTML 6Page - Weltrend Semiconductor WT6014 Datasheet HTML 7Page - Weltrend Semiconductor WT6014 Datasheet HTML 8Page - Weltrend Semiconductor WT6014 Datasheet HTML 9Page - Weltrend Semiconductor WT6014 Datasheet HTML 10Page - Weltrend Semiconductor WT6014 Datasheet HTML 11Page - Weltrend Semiconductor WT6014 Datasheet HTML 12Page - Weltrend Semiconductor WT6014 Datasheet HTML 13Page - Weltrend Semiconductor WT6014 Datasheet HTML 14Page - Weltrend Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
WT6014
Digital Monitor Controller
Ver. 1.21 Jul-31-1998
Weltrend Semiconductor, Inc.
10
If a low level occurs on the SCL pin in DDC1 state, the DDC interface will switch to DDC2B state
immediately and set the DDC2B bit to "1". No interrupt will be generated. But, if there is no valid
device address and it receives 128 VSYNC pulses while the SCL is high level, it will go back to
DDC1 state automatically. If it receives a valid device address, it will lock into DDC2B state and
disregard VSYNC.
In some case, program wants to go back DDC1 state, set RDDC bit in REG#1AH and reset it again.
This operation resets the DDC interface to the initial condition.
When it is in DDC2B state, the VSYNC clock is disregarded and the communication protocol
follows the DDC standard. The data format on SDA pin is:
S
Address
R/W A
D7,D6,...., D0
A
D7,D6,...., D0
A
P
S : Start condition. A falling edge occurs when SCL is high level.
P : Stop condition. A rising edge occurs when SCL is high level.
A : Acknowledge bit. “0” means acknowledge and “1” means non-acknowledge.
Address : 7-bit device address.
R/W : Read/Write control bit, "1" is read and "0" is write.
D7,D6,...., D0 : data byte.
The hardware operations in DDC2B state are :
(1) START/STOP detection
When the START condition is detected, the DDC interface is enabled and set START bit to "1".
When the STOP condition is detected, the DDC interface is disabled, set STOP bit to "1" and
generate INT0 interrupt.
The START bit is cleared when the following data byte received.
The STOP bit is cleared after writing REG#19H.
(2) Address Recognition
It contains two device addresses in WT6014. One fixed address (‘1010000’) is for EDID reading
and one programmable address (REG#19H) is for external control, such as auto alignment.
If the address is equal to "1010000", set ADDR bit to "0".
If the address is equal to the bit A6 to bit A0 (REG#19H), set ADDR bit to "1".
If the address is not equal to anyone above, the DDC interface will not response acknowledge.
The ADDR bit is updated when a new device address is received.
(3) Store R/W bit and decide the direction of SDA pin
The R/W bit on the SDA pin will be stored in the RW bit.
(4) Acknowledge bit control/detection
Acknowledge bit control in receive direction :
If ENACK=1 and address compare is true, response acknowledge (Acknowledge bit ="0").
If ENACK=0 or address compare is false, response non-acknowledge (Acknowledge bit ="1").
Acknowledge bit detect in transmit direction :
If the acknowledge bit is "1" , the DDC interface will be disabled and release the SDA pin.
If the acknowledge bit is "0" , the DDC interface keeps on communicating.


Similar Part No. - WT6014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
   Digital Monitor Controller
More results

Similar Description - WT6014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
   Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
   Digital Monitor Controller
WT6148 ETC1-WT6148 Datasheet
44Kb / 5P
   Digital Monitor Controller (ROM Type)
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
   Digital Monitor Controller with USB Function
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
   DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
   Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
List of Unclassifed Man...
AL300 ETC-AL300 Datasheet
679Kb / 64P
   LCD Monitor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com