Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2176X3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # CG2176X3
Description  50廓 TERMINATION TYPE HIGH POWER Short Document/Title
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2176X3 Datasheet(HTML) 3 Page - California Eastern Labs

  CG2176X3 Datasheet HTML 1Page - California Eastern Labs CG2176X3 Datasheet HTML 2Page - California Eastern Labs CG2176X3 Datasheet HTML 3Page - California Eastern Labs CG2176X3 Datasheet HTML 4Page - California Eastern Labs CG2176X3 Datasheet HTML 5Page - California Eastern Labs CG2176X3 Datasheet HTML 6Page - California Eastern Labs CG2176X3 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CG2176X3
This document is subject to change without notice.
3
ELECTRICAL CHARACTERISTICS
(TA
=+25˚C, VC(H)=3.0V, VC(L)=0V, Zo=50Ω, DC Block Capacitance=8pF, unless otherwise specified)
Note Pin(0.5dB) is the measured input power level when the insertion loss increases 0.5dB more than that of the
linear range.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss
Lins1
f = 2.3 to 2.7 GHz
-
0.45
0.60
dB
Lins2
f = 3.3 to 3.8 GHz
-
0.50
0.65
dB
Lins3
f = 4.9 to 5.85 GHz
-
0.55
0.75
dB
Isolation
(RFC
– OFF Port)
ISL1
f = 2.3 to 2.7 GHz
27
30
-
dB
ISL2
f = 3.3 to 3.8 GHz
22
25
-
dB
ISL3
f = 4.9 to 5.85 GHz
19
22
-
dB
Isolation
(RF2
– RF1)
ISL4
f = 2.3 to 2.7 GHz
23
26
-
dB
ISL5
f = 3.3 to 3.8 GHz
20
23
-
dB
ISL6
f = 4.9 to 5.85 GHz
17
20
-
dB
Input Return Loss
RLin1
f = 2.3 to 2.7 GHz
12
17
-
dB
RLin2
f = 3.3 to 3.8 GHz
12
17
-
dB
RLin3
f = 4.9 to 5.85 GHz
12
17
-
dB
Output Return Loss
RLout1
f = 2.3 to 2.7 GHz
12
17
-
dB
RLout2
f = 3.3 to 3.8 GHz
12
17
-
dB
RLout3
f = 4.9 to 5.85 GHz
12
17
-
dB
Unused Port Return Loss
URL1
f = 2.3 to 2.7 GHz
12
17
-
dB
URL2
f = 3.3 to 3.8 GHz
12
17
-
dB
URL3
f = 4.9 to 5.85 GHz
12
17
-
dB
0.5 dB Loss Compression
Input Power
Note
Pin(0.5 dB)
f = 2.3 to 2.7 GHz
+35.5
+37.5
-
dBm
f = 3.3 to 3.8 GHz
+35.5
+37.5
-
dBm
f = 4.9 to 5.85 GHz
+35.5
+37.5
-
dBm
Switch Control Current
Icont
RF None
-
16
30
µA
Switch Control Speed
tsw
50% CTL to 90/10% RF
-
100
250
ns


Similar Part No. - CG2176X3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3 CEL-CG2176X3 Datasheet
869Kb / 8P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3 CEL-CG2176X3 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3-C2 CEL-CG2176X3-C2 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
869Kb / 8P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results

Similar Description - CG2176X3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3 Datasheet
614Kb / 7P
   Enter a Short Document/Title Name Here
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3 CEL-CG2176X3_17 Datasheet
869Kb / 8P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
PG2176T5N RENESAS-PG2176T5N_15 Datasheet
205Kb / 11P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
NEC
UPG2157T5F NEC-UPG2157T5F Datasheet
85Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
UPG2176T5N NEC-UPG2176T5N Datasheet
83Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
   Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4_10 Datasheet
212Kb / 3P
   Surface Mount Termination 50 Watts, 50廓
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
   Chip Termination 16 Watts, 50廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com