Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G02 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G02
Description  Low-Power Single 2-Input Positive-NOR Gate
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G02 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G02_16 Datasheet HTML 1Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G02
SCES568H –JUNE 2004–REVISED OCTOBER 2014
SN74AUP1G02 Low-Power Single 2-Input Positive-NOR Gate
1 Features
2 Applications
1
• Available in the Ultra Small 0.64 mm2 Package
• ATCA Solutions
(DPW) with 0.5-mm Pitch
• Active Noise Cancellation (ANC)
• Low Static-Power Consumption
• Barcode Scanner
(ICC = 0.9 μA Max)
• Blood Pressure Monitor
• Low Dynamic-Power Consumption
• CPAP Machine
(Cpd = 4.3 pF Typ at 3.3 V)
• Cable Solutions
• Low Input Capacitance (Ci = 1.5 pF Typ)
• DLP 3D Machine Vision, Hyperspectral Imaging,
• Low Noise – Overshoot and Undershoot
Optical Networking, and Spectroscopy
<10% of VCC
• E-Book
• Ioff Supports Live Insertion, Partial-Power-Down
• Embedded PC
Mode, and Back-Drive Protection
• Field Transmitter: Temperature or Pressure
• Input Hysteresis Allows Slow Input Transition and
Sensor
Better Switching-Noise Immunity at the Input
• Fingerprint Biometrics
(Vhys = 250 mV Typ at 3.3 V)
• HVAC: Heating, Ventilating, and Air Conditioning
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Network-Attached Storage (NAS)
• Optimized for 3.3-V Operation
• Server Motherboard and PSU
• 3.6-V I/O Tolerant to Support Mixed-Mode Signal
• Software Defined Radio (SDR)
Operation
• TV: High-Definition (HDTV), LCD, and Digital
• tpd = 4.6 ns Max at 3.3 V
• Video Communications System
• Suitable for Point-to-Point Applications
• Wireless Data Access Card, Headset, Keyboard,
• Latch-Up Performance Exceeds 100 mA Per
Mouse, and LAN Card
JESD 78, Class II
• X-ray: Baggage Scanner, Medical, and Dental
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
3 Description
(A114-B, Class II)
This single 2-input positive-NOR gate performs the
– 1000-V Charged-Device Model (C101)
Boolean function Y = A + B or Y = A × B in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
SOT (5)
2.00 mm × 1.25 mm
SN74AUP1G02
SOT (5)
1.60 mm × 1.20 mm
USON (6)
1.45 mm × 1.00 mm
X2SON (4)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AUP1G02_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUP1G02_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com