Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G06DSFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G06DSFR
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DSFR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G06DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
N.C.
2
A
3
4
GND
Y
DCK PACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
N.C.
Y
1
YFP PACKAGE
(TOP VIEW)
A
V
CC
GND
Y
DRY PACKAGE
(TOP VIEW)
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
GND
Y
3
4
A
2
5
N.C.
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
4
2
1
A1
B1
A2
3 B2
SN74AUP1G06
www.ti.com
SCES590D – JULY 2004 – REVISED MAY 2010
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
Check for Samples: SN74AUP1G06
1
FEATURES
2
Available in the Texas Instruments NanoStar™
Input (Vhys = 250 mV Typ at 3.3 V)
Package
Wide Operating VCC Range of 0.8 V to 3.6 V
Low Static-Power Consumption
Optimized for 3.3-V Operation
(ICC = 0.9 μA Max)
3.6-V I/O Tolerant to Support Mixed-Mode
Low Dynamic-Power Consumption
Signal Operation
(Cpd = 1 pF Typ at 3.3 V)
tpd = 3.6 ns Max at 3.3 V
Low Input Capacitance (Ci = 1.5 pF Typ)
Suitable for Point-to-Point Applications
Low Noise – Overshoot and Undershoot <10%
Latch-Up Performance Exceeds 100 mA Per
of VCC
JESD 78, Class II
Ioff Supports Partial Power-Down-Mode
ESD Performance Tested Per JESD 22
Operation
2000-V Human-Body Model
Input Hysteresis Allows Slow Input Transition
(A114-B, Class II)
and Better Switching Noise Immunity at the
1000-V Charged-Device Model (C101)
See mechanical drawings for dimensions.
N.C. – No internal connection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G06DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06DSFR TI-SN74AUP1G06DSFR Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DSFR TI1-SN74AUP1G06DSFR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DSFR TI1-SN74AUP1G06DSFR Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06DSFR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com