Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70851PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70851PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70851PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS70851PWP Datasheet HTML 7Page - Texas Instruments TPS70851PWP Datasheet HTML 8Page - Texas Instruments TPS70851PWP Datasheet HTML 9Page - Texas Instruments TPS70851PWP Datasheet HTML 10Page - Texas Instruments TPS70851PWP Datasheet HTML 11Page - Texas Instruments TPS70851PWP Datasheet HTML 12Page - Texas Instruments TPS70851PWP Datasheet HTML 13Page - Texas Instruments TPS70851PWP Datasheet HTML 14Page - Texas Instruments TPS70851PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS70845, TPS70848, TPS70851, TPS70858, TPS70802
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS301B – JUNE 2000 – REVISED OCTOBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1 – 3
VO
Output voltage
vs Junction temperature
4 – 5
Ground current
vs Junction temperature
6
PSRR
Power supply rejection ratio
vs Frequency
7 – 10
Output spectral noise density
vs Frequency
11 – 14
Zo
Output impedance
vs Frequency
15 – 18
Dropout voltage
vs Junction temperature
19, 20
Dropout voltage
vs Input voltage
21, 22
Load transient response
23, 24
Line transient response
25, 26
VO
Output voltage
vs Time (start-up)
27, 28
Equivalent series resistance (ESR)
vs Output current
30 – 33
Figure 1
IO – Output Current – A
3.299
3.298
3.296
3.295
0
0.05
0.1
0.15
3.301
3.302
TPS70851
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.303
0.2
0.25
3.3
3.297
VIN1 = 4.3 V
TJ = 25°C
VOUT1
Figure 2
1.799
1.797
1.796
1.795
0
0.025
0.05
0.075
1.800
1.801
1.802
0.1
0.125
1.798
IO – Output Current – A
TPS70851
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VIN2 = 2.8V
TJ = 25°C
VOUT2


Similar Part No. - TPS70851PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70851PWP TI1-TPS70851PWP Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70851PWPG4 TI1-TPS70851PWPG4 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70851PWPR TI1-TPS70851PWPR Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70851PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com