Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G08YZP Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AUP1G08YZP
Description  Low-Power Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08YZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G08YZP Datasheet HTML 4Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 5Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 6Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 7Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 8Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 9Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 10Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 11Page - Texas Instruments SN74AUP1G08YZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
SN74AUP1G08
SCES502P – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74AUP1G08
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
6.7 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = –40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
tpd
A or B
Y
0.8 V
21
ns
1.2 V ± 0.1 V
1.5
8.5
14.7
1
17.2
1.5 V ± 0.1 V
1
6.2
10
0.5
11.3
1.8 V ± 0.15 V
1
5
7.7
0.5
9
2.5 V ± 0.2 V
1
3.6
5.2
0.5
6.1
3.3 V ± 0.3 V
1
2.9
4.2
0.5
4.7
6.8 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = –40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
tpd
A or B
Y
0.8 V
24
ns
1.2 V ± 0.1 V
3.6
9.9
16.3
3.1
19.9
1.5 V ± 0.1 V
2.3
7.2
11.1
1.8
13.2
1.8 V ± 0.15 V
1.6
5.8
8.7
1.1
10.6
2.5 V ± 0.2 V
1
4.3
5.9
0.5
7.3
3.3 V ± 0.3 V
1
3.4
4.8
0.5
5.9
6.9 Switching Characteristics, CL = 30 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = –40°C to
+85°C
UNIT
MIN
TYP
MAX
MIN
MAX
tpd
A or B
Y
0.8 V
32.8
ns
1.2 V ± 0.1 V
4.9
13.1
20.9
4.4
25.5
1.5 V ± 0.1 V
3.4
9.5
14.2
2.9
16.9
1.8 V ± 0.15 V
2.5
7.7
11
2
13.5
2.5 V ± 0.2 V
1.8
5.7
7.6
1.3
9.4
3.3 V ± 0.3 V
1.5
4.7
6.2
1
7.5
6.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
0.8 V
4
pF
1.2 V ± 0.1 V
4
1.5 V ± 0.1 V
4
1.8 V ± 0.15 V
4
2.5 V ± 0.2 V
4.1
3.3 V ± 0.3 V
4.3


Similar Part No. - SN74AUP1G08YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08YZPR TI-SN74AUP1G08YZPR Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08YZPR TI-SN74AUP1G08YZPR Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08YZPR TI-SN74AUP1G08YZPR Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUP1G08YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com