Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G07DSFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G07DSFR
Description  Low-Power Single Buffer/Driver With Open-Drain Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G07DSFR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1G07DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
N.C.
1
A
2
GND
3
5
V
CC
4
Y
N.C.
1
A
2
GND
3
5
V
CC
4
Y
N.C.
1
A
2
GND
3
5
V
CC
4
Y
N.C.
1
6
V
CC
N.C . 1
6
V
CC
A A1 1 4 A2
DNU A1 1 5 A2 V
CC
A
2
5
N.C.
A 2
5
N.C.
GND B1 2 3 B2 Y
A
GND
B1
2
C1
3
4 C2
Y
GND
3
4
Y
GND 3
4
Y
V
CC
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(TOPVIEW)
DSF PACKAGE
(TOPVIEW)
DRY PACKAGE
(TOP VIEW)
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
DRL PACKAGE
(TOP VIEW)
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
n.c.
4
SN74AUP1G07
www.ti.com
SCES591J – JULY 2004 – REVISED JUNE 2014
6 Pin Configuration and Functions
N.C. – No internal connection.
DNU – Do not use
See mechancial drawings for dimensions.
Pin Functions
PIN
I/O
DESCRIPTION
DBV, DCK,
NAME
DSF, DRY
YFP
DPW
YZP
DRL
NC
1
1, 5
1
A1
No Connection
A
2
2
A1
2
B1
I
Input A
GND
3
3
B1
3
C1
Ground Pin
Y
4
4
B2
4
C2
O
Output Y
VCC
5
6
A2
5
A2
Power Pin
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G07


Similar Part No. - SN74AUP1G07DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07DSFR TI-SN74AUP1G07DSFR Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AUP1G07DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com