Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G80DSFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G80DSFR
Description  LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DSFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G80DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 9Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 10Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SN74AUP1G80
www.ti.com
SCES593E – JULY 2004 – REVISED MAY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
91
90
1.2 V ± 0.1 V
175
220
1.5 V ± 0.1 V
237
230
fmax
MHz
1.8 V ± 0.15 V
269
240
2.5 V ± 0.2 V
280
250
3.3 V ± 0.3 V
280
260
0.8 V
17.2
1.2 V ± 0.1 V
3.2
7.1
14.9
2.7
16.3
1.5 V ± 0.1 V
1.9
5
9.8
2.1
10.3
tpd
CLK
Q
ns
1.8 V ± 0.15 V
1.7
3.9
7.6
1.6
8.1
2.5 V ± 0.2 V
1.4
2.8
5.3
1.2
5.6
3.3 V ± 0.3 V
1.2
2.2
4.1
1
4.4
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
68
70
1.2 V ± 0.1 V
128
170
1.5 V ± 0.1 V
189
220
fmax
MHz
1.8 V ± 0.15 V
234
240
2.5 V ± 0.2 V
273
250
3.3 V ± 0.3 V
280
260
0.8 V
19.4
1.2 V ± 0.1 V
4.4
8.2
16.2
3.4
17.7
1.5 V ± 0.1 V
3.6
5.8
10.7
2.6
11.3
tpd
CLK
Q
ns
1.8 V ± 0.15 V
2.9
4.6
8.4
2.1
3
2.5 V ± 0.2 V
2.2
3.3
5.9
1.7
6.3
3.3 V ± 0.3 V
1.9
2.7
4.7
1.4
4.9
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP1G80


Similar Part No. - SN74AUP1G80DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80DSFR TI-SN74AUP1G80DSFR Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DSFR TI1-SN74AUP1G80DSFR Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80DSFR TI1-SN74AUP1G80DSFR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Similar Description - SN74AUP1G80DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com