Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T34QDCKRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1T34QDCKRQ1
Description  1-Bit Unidirectional Voltage-Level Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1T34QDCKRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1T34QDCKRQ1 Datasheet HTML 1Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 2Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 3Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 4Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 5Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 6Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 7Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 8Page - Texas Instruments SN74AUP1T34QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
SN74AUP1T34-Q1
SCES852A – DECEMBER 2013 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74AUP1T34-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
MAX
UNIT
VCCA,
VCCB
Supply voltage
0.9
3.6
V
VIH
High-level input voltage
0.9 V to 1.95 V
0.9 V to 1.95 V
0.65 × VCCA
V
2.3 V to 2.7 V
0.9 V to 3.6 V
1.6
3 V to 3.6 V
0.9 V to 3.6 V
2
VIL
Low-level input voltage
0.9 V
0.9 V to 1.95 V
0.3 × VCCA
V
1 V to 1.95 V
0.9 V to 1.95 V
0.35 × VCCA
2.3 V to 2.7 V
0.9 V to 3.6 V
0.7
3 V to 3.6 V
0.9 V to 3.6 V
0.9
Δt/Δv
Input transition rise or fall
rate
3 V to 3.6 V
0.9 V to 3.6 V
200
ns/V
TA
Operating free-air
temperature
–40
125
°C
VOH
IOH = –100 µA
VI = VIH
0.9 V to 3.6 V
0.9 V to 3.6 V
VCCB – 0.2
V
IOH = –0.25 mA
0.9 V to 1 V
0.9 V to 1 V
0.75 × VCCB
IOH = –1.5 mA
1.2 V
1.2 V
1
IOH = –2 mA
1.65 V
1.65 V
1.32
IOH = –3 mA
2.3 V
2.3 V
1.9
IOH = –6 mA
3 V
3 V
2.72
VOL
IOL = 100 µA
VI = VIL
0.9 V to 3.6 V
0.9 V to 3.6 V
0.1
V
IOL = 0.25 mA
0.9 V to 1 V
0.9 V 1 V
0.1
IOL = 1.5 mA
1.2 V
1.2 V
0.3 × VCCB
IOL = 2 mA
1.65 V
1.65 V
0.31
IOL = 3 mA
2.3 V
2.3 V
0.31
IOL = 6 mA
3 V
3 V
0.31
II
Control inputs
VI = VCCA or GND
0.9 V to 3.6 V
0.9 V to 3.6 V
±1
µA
Ioff
A or B port
VI or VO = 0 to 3.6 V
0 V
0 V to 3.6 V
±5
µA
0 V to 3.6 V
0 V
±5
ICCA
VI = VCCI or GND, IO = 0 mA
0.9 V to 3.6 V
0.9 V to 3.6 V
2.7
µA
0.9 V to 3.6 V
VCCA
2
0 V
0 V to 3.6 V
1
0 V to 3.6 V
0 V
1
ICCB
VI = VCCI or GND, IO = 0 mA
0.9 V to 3.6 V
0.9 V to 3.6 V
2.7
µA
0.9 V to 3.6 V
VCCA
2
0 V
0 V to 3.6 V
1
0 V to 3.6 V
0 V
1
ICCA + ICCB
VI = VCCI or GND, IO = 0 mA
0.9 V to 3.6 V
0.9 V to 3.6 V
5.4
µA
Cio
A or B port
3.3 V
3.3 V
4
pF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1T34-Q1
UNIT
DCK (SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
301.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
113
°C/W
RθJB
Junction-to-board thermal resistance
79.1
°C/W
ψJT
Junction-to-top characterization parameter
3.9
°C/W
ψJB
Junction-to-board characterization parameter
78.3
°C/W


Similar Part No. - SN74AUP1T34QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DCKR TI1-SN74AUP1T34DCKR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DRYR TI1-SN74AUP1T34DRYR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DSFR TI1-SN74AUP1T34DSFR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results

Similar Description - SN74AUP1T34QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
[Old version datasheet]   2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
logo
Texas Instruments
SN74AVC4T234 TI1-SN74AVC4T234_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com