Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16835DGGR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AVC16835DGGR
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC16835DGGR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVC16835DGGR Datasheet HTML 1Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 2Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 3Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 4Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 5Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 6Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 7Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 8Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN74AVC16835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES168J – DECEMBER 1998 – REVISED FEBRUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.4
3.6
V
VCC
Supply voltage
Data retention only
1.2
V
VCC = 1.2 V
VCC
VCC = 1.4 V to 1.6 V
0.65
× VCC
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 1.2 V
GND
VCC = 1.4 V to 1.6 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35
× VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCC
V
VO
Output voltage
3-state
0
3.6
V
VCC = 1.4 V to 1.6 V
–2
IOHS
Static high level output current†
VCC = 1.65 V to 1.95 V
–4
mA
IOHS
Static high-level output current†
VCC = 2.3 V to 2.7 V
–8
mA
VCC = 3 V to 3.6 V
–12
VCC = 1.4 V to 1.6 V
2
IOLS
Static low level output current†
VCC = 1.65 V to 1.95 V
4
mA
IOLS
Static low-level output current†
VCC = 2.3 V to 2.7 V
8
mA
VCC = 3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
VCC = 1.4 V to 3.6 V
5
ns/V
TA
Operating free-air temperature
–40
85
°C
† Dynamic drive capability is equivalent to standard outputs with IOH and IOL of ±24 mA at 2.5-V VCC. See Figure 1 for VOL vs IOL and VOH vs IOH
characteristics. Refer to TI application reports AVC Logic Family Technology and Applications, literature number SCEA006, and Dynamic
Output Control (DOC
) Circuitry Technology and Applications, literature number SCEA009.
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to TI application report Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AVC16835DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16835DGG TI-SN74AVC16835DGG Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AVC16835DGGR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com