Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2414 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2414
Description  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2414 Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT2414 Datasheet HTML 1Page - Texas Instruments SN74BCT2414 Datasheet HTML 2Page - Texas Instruments SN74BCT2414 Datasheet HTML 3Page - Texas Instruments SN74BCT2414 Datasheet HTML 4Page - Texas Instruments SN74BCT2414 Datasheet HTML 5Page - Texas Instruments SN74BCT2414 Datasheet HTML 6Page - Texas Instruments SN74BCT2414 Datasheet HTML 7Page - Texas Instruments SN74BCT2414 Datasheet HTML 8Page - Texas Instruments SN74BCT2414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74BCT2414
MEMORY DECODER
WITH ONCHIP SUPPLY VOLTAGE MONITOR
SCBS059B − MARCH 1989 − REVISED NOVEMBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
BiCMOS Design Substantially Reduces
Standby Current
Two Independent 2-Line to 4-Line Decoders
or One 3-Line to 8-Line Decoder
Separate Enable Inputs for Easy Cascading
Two Supply Voltage Terminals (V
CC and
Vbat )
Built-In Supply-Voltage Monitor for V
CC
Automatic Cut Off of Outputs During
VCC Fail
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (N)
description
The SN74BCT2414 is a decoder specially designed to be used in memory systems with battery backup during
power failure. The two independent 2-line to 4-line decoders with separate and common control inputs may be
externally cascaded to implement a 3-line to 8-line decoder.
The circuit has two supply voltage inputs: the voltage monitor (bandgap) is powered via the VCC terminal; the
internal logic of the circuit is powered via the Vbat terminal. In case VCC drops below 3.65 V (nominal), the voltage
monitor forces the voltage-control (VS) and decoder outputs (Y) to the high level. VS may be used to disconnect
the supply voltage of the memories (Vbat) from the system supply. This output is switched off when the on-chip
supply voltage monitor detects a power failure.
The SN74BCT2414 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VS
SD
1A
2A
1B
2B
1G
2G
G
GND
VCC
Vbat
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
DW OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com